Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM313AT Datasheet(PDF) 18 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 18 Page - NICHIA CORPORATION

Back Button NSSM313AT Datasheet HTML 14Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 15Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 16Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 17Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 18Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 19Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 20Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 21Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 22Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
17
RELIABILITY
(1) Tests and Results
Test
Reference
Standard
Test Conditions
Test
Duration
Failure
Criteria
#
Units
Failed/Tested
Resistance to
Soldering Heat
(Reflow Soldering)
JEITA ED-4701
300 301
Tsld=260°C, 10sec, 2reflows,
Precondition: 30°C, 70%RH, 168hr
#1
0/22
Solderability
(Reflow Soldering)
JEITA ED-4701
303 303A
Tsld=245±5°C, 5sec,
Lead-free Solder(Sn-3.0Ag-0.5Cu)
#3
0/22
Thermal Shock
-40°C to 110°C, 15min dwell
100cycles
#1
0/22
Moisture Resistance
(Cyclic)
JEITA ED-4701
200 203
25°C~65°C~-10°C, 90%RH,
24hr per cycle
Precondition: 30°C, 70%RH, 168hr
10cycles
#1
0/22
High Temperature
Storage
JEITA ED-4701
200 201
TA=110°C
1000hours
#1
0/22
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=60°C, RH=90%
Precondition: 30°C, 70%RH, 168hr
1000hours
#1
0/22
Low Temperature
Storage
JEITA ED-4701
200 202
TA=-40°C
1000hours
#1
0/22
Room Temperature
Operating Life
TA=25°C
Test board:
See NOTES below
B IF=50mA
1000hours
#2
0/22
G IF=50mA
1000hours
#2
0/22
R IF=40mA
1000hours
#2
0/22
High Temperature
Operating Life
TA=85°C
Test board:
See NOTES below
B IF=46mA
1000hours
#2
0/22
G IF=42mA
1000hours
#2
0/22
R IF=40mA
1000hours
#2
0/22
Temperature Humidity
Operating Life
60°C, RH=90%
Test board:
See NOTES below
B IF=20mA
1000hours
#2
0/22
G IF=20mA
1000hours
#2
0/22
R IF=20mA
1000hours
#2
0/22
Low Temperature
Operating Life
TA=-40°C
Test board:
See NOTES below
B IF=20mA
1000hours
#2
0/22
G IF=20mA
1000hours
#2
0/22
R IF=20mA
1000hours
#2
0/22
Electrostatic Discharges
JEITA ED-4701
300 304
HBM, 2kV, 1.5kΩ, 100pF, 3pulses,
alternately positive or negative
#1
0/22
NOTES:
1) Test board: FR4 board thickness=1.6mm, copper layer thickness=35μm, Blue: RθJA≈280°C/W, Green: RθJA≈280°C/W,
Red: RθJA≈280°C/W
2) Measurements are performed after allowing the LEDs to return to room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com