Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8448 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 8448
Description  AXL E PN DIO16 M12 6P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8448 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  8448 Datasheet HTML 1Page - PHOENIX CONTACT 8448 Datasheet HTML 2Page - PHOENIX CONTACT 8448 Datasheet HTML 3Page - PHOENIX CONTACT 8448 Datasheet HTML 4Page - PHOENIX CONTACT 8448 Datasheet HTML 5Page - PHOENIX CONTACT 8448 Datasheet HTML 6Page - PHOENIX CONTACT 8448 Datasheet HTML 7Page - PHOENIX CONTACT 8448 Datasheet HTML 8Page - PHOENIX CONTACT 8448 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AXL E PN DIO16 M12 6P
8448_en_04
PHOENIX CONTACT
5
PROFINET
Equipment type
PROFINET Device
Conformance class
B
Update rate
1 ms
Number of supported application relationships (AR)
2
PROFINET protocols
LLDP, MRP client, DCP, DCE-RPC
Additional protocols
SNMP v1, HTTP, TFTP, FTP
Supply: Module electronics, sensors and actuators (U
S)
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
190 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A
Supply: Actuators (U
A) for additional devices
Connection method
M12 connector (T-coded)
Number of positions
4
Supply voltage
24 V DC
Nominal supply voltage range
18 V DC ... 31.2 V DC (including all tolerances, including ripple)
Typical current consumption
3 mA ±15 % (at 24 V DC)
Current consumption
max. 12 A
Digital inputs
Number of inputs
16 (EN 61131-2 types 1 and 3)
Connection method
M12 connector, double occupancy
Connection method
2, 3, 4-wire
Nominal input voltage
24 V DC
Nominal input current
typ. 3 mA
Sensor current per channel
typ. 0.75 mA (from Us)
Total sensor current
max. 1.2 A (per device)
Input voltage range "0" signal
-30 V DC ... 5 V DC
Input voltage range "1" signal
11 V DC ... 30 V DC
Input filter time
< 1000 µs
Permissible conductor length to the sensor
30 m
Overload protection, short-circuit protection of sensor supply
Yes
Digital outputs
Number of outputs
16
Connection method
M12 connector, double occupancy
Connection method
2, 3-wire
Nominal output voltage
24 V DC (from voltage U
S)
Output voltage range
18 V DC ... 31.2 V DC
Maximum output current per channel
0.5 A
Nominal load, ohmic
12 W (48 Ω; with nominal voltage)
Nominal load, inductive
12 VA (1.2 H; 48 Ω; with nominal voltage)
Signal delay
max. 150 µs (when switched on)
max. 200 µs (when switched off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com