Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8448 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 8448
Description  AXL E PN DIO16 M12 6P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8448 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 8448 Datasheet HTML 6Page - PHOENIX CONTACT 8448 Datasheet HTML 7Page - PHOENIX CONTACT 8448 Datasheet HTML 8Page - PHOENIX CONTACT 8448 Datasheet HTML 9Page - PHOENIX CONTACT 8448 Datasheet HTML 10Page - PHOENIX CONTACT 8448 Datasheet HTML 11Page - PHOENIX CONTACT 8448 Datasheet HTML 12Page - PHOENIX CONTACT 8448 Datasheet HTML 13Page - PHOENIX CONTACT 8448 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AXL E PN DIO16 M12 6P
8448_en_04
PHOENIX CONTACT
10
7
Connection example
Figure 7
Example of connection of sensors and actua-
tors
8
Connection notes
IN/OUT 6
+24 V
IN/OUT 5
IN/OUT 12
+24 V
IN/OUT 11
Note: data corruption or loss
Implement the FE connection using mounting
screws, in order to ensure immunity to inter-
ference.
NOTE: device damage
To ensure IP65/IP67 protection, cover unused
sockets with protective caps.
NOTE: Damage to the electronics
Only supply the sensors with the voltage U
S
provided at the terminal points.
NOTE: Damage to the electronics
Observe the correct polarity of the supply volt-
ages U
S and UA in order to prevent damage to
the device.
NOTE: Malfunction
When connecting the sensors and actuators,
observe the assignment of the connections to
the PROFINET input and output data.
Secure the device to a level surface or to a
profile. Do not use this device to bridge gaps,
in order to prevent forces being transmitted
via the device.
Use standard M5 screws with toothed lock
washer and self-locking nuts. Observe the
maximum torque of the screws.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com