Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8448 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8448
Description  AXL E PN DIO16 M12 6P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8448 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8448 Datasheet HTML 1Page - PHOENIX CONTACT 8448 Datasheet HTML 2Page - PHOENIX CONTACT 8448 Datasheet HTML 3Page - PHOENIX CONTACT 8448 Datasheet HTML 4Page - PHOENIX CONTACT 8448 Datasheet HTML 5Page - PHOENIX CONTACT 8448 Datasheet HTML 6Page - PHOENIX CONTACT 8448 Datasheet HTML 7Page - PHOENIX CONTACT 8448 Datasheet HTML 8Page - PHOENIX CONTACT 8448 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1Description
Axioline E PROFINET device, plastic housing,
16 freely configurable inputs or outputs,
24 V DC, M12 fast connection technology
AXL E PN DIO16 M12 6P
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within a
PROFINET network.
It is used to acquire and output digital signals.
PROFINET features
–
Connection to PROFINET network
using M12 connectors (D-coded)
–
2 Ethernet ports (with integrated switch)
–
Transmission speed 100 Mbps
–
PROFINET RT (RTC 1) supported
with minimum cycle time of 1 ms
–
Supported protocols: SNMP, LLDP, MRP, DCP
–PROFINET features:
FSU, shared device, MRP client, I&M functions 0 - 4
–
Specification:
–
Mapping in accordance with PROFINET
specification v2.2
–
Mapping as PROFINET IO device
(conformance class B)
–
Device description using GSDML file
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection of digital sensors
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
Abbreviations used:
– FSU: Fast startup
– MRP: Media Redundancy Protocol
– I&M: Identification and maintenance
8448_en_04
2015-10-15


Similar Part No. - 8448

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8448 FILTRAN-8448 Datasheet
148Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
API Technologies Corp
8448 APITECH-8448 Datasheet
628Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
Belden Inc.
8448 BELDEN-8448 Datasheet
172Kb / 2P
Electronic, 8 C #1822 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8448-0601000 BELDEN-8448-0601000 Datasheet
172Kb / 2P
Electronic, 8 C #1822 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8448-060500 BELDEN-8448-060500 Datasheet
172Kb / 2P
Electronic, 8 C #1822 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 8448

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701494 PHOENIX-2701494 Datasheet
346Kb / 29P
AXL E EIP DIO16 M12 6P
8437 PHOENIX-8437 Datasheet
293Kb / 17P
AXL E PB DIO16 M12 6P
8443 PHOENIX-8443 Datasheet
309Kb / 19P
AXL E PN DIO16 M12 6M
8447 PHOENIX-8447 Datasheet
297Kb / 17P
AXL E PN DI16 M12 6P
8542 PHOENIX-8542 Datasheet
339Kb / 25P
AXL E EC DIO16 M12 6P
8552 PHOENIX-8552 Datasheet
323Kb / 22P
AXL E ETH DIO16 M12 6P
8562 PHOENIX-8562 Datasheet
324Kb / 23P
AXL E S3 DIO16 M12 6P
2701511 PHOENIX-2701511 Datasheet
1Mb / 31P
Digital module - AXL E PN DIO16 M12 6P
Dec 9, 2022
2701522 PHOENIX-2701522 Datasheet
1Mb / 31P
Digital module - AXL E EC DIO16 M12 6P
2701534 PHOENIX-2701534 Datasheet
1Mb / 31P
Digital module - AXL E ETH DIO16 M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com