Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8448 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 8448
Description  AXL E PN DIO16 M12 6P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8448 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 8448 Datasheet HTML 7Page - PHOENIX CONTACT 8448 Datasheet HTML 8Page - PHOENIX CONTACT 8448 Datasheet HTML 9Page - PHOENIX CONTACT 8448 Datasheet HTML 10Page - PHOENIX CONTACT 8448 Datasheet HTML 11Page - PHOENIX CONTACT 8448 Datasheet HTML 12Page - PHOENIX CONTACT 8448 Datasheet HTML 13Page - PHOENIX CONTACT 8448 Datasheet HTML 14Page - PHOENIX CONTACT 8448 Datasheet HTML 15Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AXL E PN DIO16 M12 6P
8448_en_04
PHOENIX CONTACT
11
9
Local status and diagnostic indicators
9.1
Indicators for Ethernet ports and power supply
Figure 8
Indicators for Ethernet ports and power supply
Designation
Color
Meaning
State
Description
LNK 1/2
Green
Link
Green
ON
Connection present at port 1/2.
OFF
Connection not present at port 1/2.
ACT 1/2
Yellow
Activity
Yellow
flashing
Data transmission present at port 1/2.
OFF
Data transmission not present at port 1/2.
RDY
Green/
yellow/
red
Ready
Green
ON
Device ready to operate
Yellow
flashing
Firmware update is being performed.
Flashing
green/
yellow
Over- or undervoltage at U
S
Temperature of the device is in the critical area.
And red US LED: sensor supply overload
OFF
Device is not ready for operation.
BF
Red
Bus Fault
Red ON
No link status available on any port
Flashing
SF LED not flashing: Link status available, no communication con-
nection to the PROFINET controller
Flashing
SF LED flashing: hardware watchdog has been triggered.
OFF
A PROFINET controller has established an active communication
connection to the PROFINET device.
SF
Red
Station Fail
ON
PROFINET diagnostics available
Flashing
Flashes only together with the BF LED; watchdog triggered
OFF
PROFINET diagnostics not available
US
Green/
red
U
Sensorik
Green
ON
Communications power/sensor voltage present
OFF
Communications power/sensor voltage not present or too low.
Red ON
Sensor voltage overload
UA
Green
U
Aktorik
ON
Actuator voltage present.
OFF
Actuator voltage not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com