Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8448 Datasheet(PDF) 18 Page - PHOENIX CONTACT

Part # 8448
Description  AXL E PN DIO16 M12 6P
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8448 Datasheet(HTML) 18 Page - PHOENIX CONTACT

Back Button 8448 Datasheet HTML 11Page - PHOENIX CONTACT 8448 Datasheet HTML 12Page - PHOENIX CONTACT 8448 Datasheet HTML 13Page - PHOENIX CONTACT 8448 Datasheet HTML 14Page - PHOENIX CONTACT 8448 Datasheet HTML 15Page - PHOENIX CONTACT 8448 Datasheet HTML 16Page - PHOENIX CONTACT 8448 Datasheet HTML 17Page - PHOENIX CONTACT 8448 Datasheet HTML 18Page - PHOENIX CONTACT 8448 Datasheet HTML 19Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AXL E PN DIO16 M12 6P
8448_en_04
PHOENIX CONTACT
18
11
Startup
11.1
Delivery state/default settings
By default upon delivery, the following functions and fea-
tures are available:
PROFINET
Firmware update
System identification
Web-based Management (WBM)
11.2
Starting the firmware
Once you have connected the power, the firmware is
started. After completion of the firmware boot process, the
RDY LED lights up green. After completion of the firmware
boot process, the BF LED either lights up or flashes.
11.3
Firmware update
In order to update the firmware of the device, the device
must be provided with a firmware container via a TFTP
server or it must be loaded onto the device via FTP. Any FTP
client or TFTP server can be used for this. The update must
always be initiated by the web-based management. When
carrying out the firmware update, the RDY LED flashes yel-
low.
11.4
Restoring the default settings
The default settings can be restored via WBM.
To do this, go to:
Administration web page > default settings and follow the in-
structions.
PROFINET name:
No name assigned
IP parameters:
0.0.0.0
Subnet mask:
0.0.0.0
Default Gateway:
0.0.0.0
Device designation:
AXL E PN DIO16 M12 6P
Vendor ID:
00B0
hex
Device ID:
0104
hex
Firmware update on next
restart:
deactivated
TFTP server IP address:
192.168.210.211
Firmware file name:
FIRMWARE.NXF
Device name:
No name assigned
Description:
No description assigned
Device location:
No location assigned
Contact:
No contact assigned
User name:
admin
Password:
private



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com