Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PI Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 3Page - IC-Haus GmbH IC-PI Datasheet HTML 4Page - IC-Haus GmbH IC-PI Datasheet HTML 5Page - IC-Haus GmbH IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 7/48
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Voltage at VDD, PA, NA, PB, NB, PZ,
NZ, ACO
relative to GND
-6
6
V
G002 V()
Voltage at ERR
relative to GND
-6
8
V
G003 V()
Pin-to-Pin Voltage between VDD, GND,
PA, NA, PB, NB, PZ, NZ, ACO, ERR
6
V
G004 V()
Voltage at VDDS
no reversed polarity at VDD and GND
VDD
V
G005 V()
Voltage at GNDS relative to GND
no reversed polarity at VDD and GND
-0.3
0.3
V
G006 V()
Voltage at X1...X6, SCL, SDA
-0.3
VDDS +
0.3
V
G007 I(VDD)
Current in VDD
-20
400
mA
G008 I()
Current in VDDS, GNDS
-50
50
mA
G009 I()
Current in X1...X6, SCL, SDA, ERR
-20
20
mA
G010 I()
Current in PA, NA, PB, NB, PZ, NZ
-100
100
mA
G011 I(ACO)
Current in ACO
-100
20
mA
G012 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G013 Ptot
Permissible Power Dissipation
300
mW
G014 Tj
Junction Temperature
-40
150
°C
G015 Ts
Storage Temperature
-40
150
°C
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range
-40
100
°C
T02 Rthja
Thermal Resistance Chip to Ambient
80
K/W
All voltages are referenced to pin GNDS unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com