Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PI Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 5Page - IC-Haus GmbH IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH IC-PI Datasheet HTML 12Page - IC-Haus GmbH IC-PI Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 9/48
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 4.3 ... 5.5 V, Tj = -40 °C ... 125 °C, IBN calibrated to 200 µA, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Signal Conditioning CH0, CH1, CH2 (i = 0 for CH0, i = 12 for CH1 and CH2)
201 G0, G12
Selectable Gain Factors
MODE = 0x05, Ri(3) = 0, GRi and GFi = 0x0
6
MODE = 0x05, Ri(3) = 0, GRi and GFi = max.
300
MODE = 0x05, Ri(3) = 1, GRi and GFi = 0x0
1.5
MODE = 0x05, Ri(3) = 1, GRi and GFi = max.
75
202 Gdiff
Relative Gain Ratio CH1 vs. CH2 GF2 = 0x10, GF1 = 0x0
39
%
GF2 = 0x10, GF1 = 0x7FF
255
%
203 ∆G
Step Width Of Fine Gain
Adjustment
for CH0
1.06
for CH1
1.0009
for CH2
1.06
204 INL(Gi)
Integral Linearity Error of Gain
Adjustment
-1.06
1.06
205 VOScal
Offset Calibration Range
referenced to the selected source (VOS0 or
VOS12), mode Calibration 2;
ORi = 00
±100
%V()
ORi = 01
±200
%V()
ORi = 10
±600
%V()
ORi = 11
±1200
%V()
206 ∆OF0
CH0 Offset Calibration Step
Width
referenced to the selected source VOS0;
OR0 = 0x0
3.2
%
207 ∆OF12
CH1/2 Offset Calibration Step
Width
referenced to the selected source VOS12;
OR12 = 0x0
0.79
%
208 INL(OFi)
Integral Linearity Error of Offset
Calibration
limited test coverage (guaranteed by design)
-5
5
LSB
209 PHI12
Phase Error Calibration Range
CH1 vs. CH2
±10.4
°
210 ∆PHI12
Phase Error Calibration Step
Width
0.02
°
211 INL(PHI12) Integral Linearity Error of Phase
Calibration
limited test coverage (guaranteed by design)
-0.8
0.8
°
Sine-To-Digital Conversion
301 fin()max
Maximum Permissible Input
Frequency
refer to Figure 4 for dependencies;
500
kHz
ABZ output at IPF x20, MTD = 0x00
450
kHz
302 AAabs
(INL)
Absolute Angle Accuracy
(Integral Nonlinearity)
relative to input period (360 °), see Fig. 1,
-0.2
+0.2
°
quasi-static input signal, ideal waveform, ad-
justed signal conditioning, w/o hysteresis error;
±
0.13
°
any resolution (IPF x1 to x1024)
303 AEhys
Systemic Absolute Angle Error
With Hysteresis
see 202, refer to Fig. 2;
SELHYS = 0x6 (1.0 °)
0.5
°
SELHYS = 0x8 (2.0 °)
1.0
°
304 AArel
(DNL)
Relative Angle Accuracy
(Differential Nonlinearity)
relative to output period (T 100 %), see Fig. 3,
quasi-static input signal, ideal waveform;
IPF x1
10
%
IPF x50
1.7
10
%
IPF x125
3.5
10
%
IPF x250
7
15
%
IPF x500
14
30
%
IPF x1000 (4000 edges per period)
28
50
%
IPF x1024 (4096 edges per period)
28
50
%
305 ABrel
Relative Angle Accuracy A to B
see 202
1/2
AArel
%
306 AR
Repeatability
see 202 (w/o hysteresis error), VDD = const.,
Tj = const.
0.1
°
307 N
Output Angle Noise
see 202, 1 Vpp-diff sin/cos input, fin = 0 Hz
0.1
°
308 AEdiv
Systemic Relative Angle Error
Using Subdivisions
relative to output period (T 100 %), see Fig. 3;
any binary resolution
0
%
any decimal resolution
0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com