Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PI Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 4Page - IC-Haus GmbH IC-PI Datasheet HTML 5Page - IC-Haus GmbH IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH IC-PI Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 8/48
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 4.3 ... 5.5 V, Tj = -40 °C ... 125 °C, IBN calibrated to 200 µA, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 V(VDD)
Permissible Supply Voltage
load current I(VDDS) to 10 mA
4.3
5.5
V
load current I(VDDS) to 20 mA
4.5
5.5
V
002 I(VDD)
Supply Current
Tj = -40...125 °C, no load
35
mA
Tj = 27 °C, no load
28
mA
003 I(VDDS)
Permissible Load Current VDDS
-20
0
mA
004 Vcz()hi
Clamp-Voltage hi at all pins
11
V
005 Vc()hi
Clamp-Voltage hi at Inputs
SCL, SDA
Vc()hi = V() - V(VDDS), I() = 1 mA
0.4
1.5
V
006 Vc()hi
Clamp-Voltage hi at Inputs
X1...X6
Vc()hi = V() - V(VDDS), I() = 4 mA
0.3
1.2
V
007 Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
008 Irev(VDD) Reverse-Polarity Current VDD
V(VDD) = −5.5V...−4.3 V relative to GND
1
mA
PGA Inputs X1...X6 (i = 0 for CH0, i = 12 for CH1 and CH2)
101 fin()
Permissible Maximum Input
Frequency
500
kHz
102 Vin()sig
Permissible V-Mode Input
Voltage Range
Ri() = 0x01 (V-Mode 1:1)
0.75
VDDS
−
1.5
V
BIAS12 = 1, Ri() = 0x09 (V-Mode 4:1)
0
VDDS
V
BIAS12 = 0, Ri() = 0x09 (V-Mode 4:1)
0
VDDS
−
1.5
V
103 Vin()diff
Recommended Differential
V-Mode Input Voltage
Vin()diff = V(PCHx) − V(NCHx);
Ri() = 0x01 (V-Mode 1:1)
20
1000
mVpp
Ri() = 0x09 (V-Mode 4:1)
80
4000
mVpp
104 Vin()os
V-Mode Input Offset Voltage
relative to side of input, Ri() = 0x01;
-500
+500
µV
GRi and GFi = max. (max. gain)
106 Iin()
V-Mode Input Current
Ri() = 0x01 (V-Mode 1:1)
-0.5
0.5
µA
107 Iin()sig
Permissible I-Mode Input Current
Range
BIASi = 0, Ri(0) = 0
10
300
µA
BIASi = 1, Ri(0) = 0
-300
-10
µA
108 Rin()
I-Mode / V-Mode Input
Resistance
relative to VREFin, Tj = 27 °C
Ri() = 0x00
1.1
1.7
2.1
kΩ
Ri() = 0x02
1.6
2.5
3.0
kΩ
Ri() = 0x04
2.2
3.5
4.2
kΩ
Ri() = 0x06
3.2
4.9
6.0
kΩ
Ri() = 0x09 (V-Mode 4:1)
16
20
24
kΩ
109 R2()
I-Mode Conversion Resistor
Tj = 27 °C; Ri() = 0x00
1.6
kΩ
Ri() = 0x02
2.3
kΩ
Ri() = 0x04
3.2
kΩ
Ri() = 0x06
4.6
kΩ
Ri() = 0x09 (V-Mode 4:1)
5.0
kΩ
110 TC(Rin)
Temperature Coefficient of Rin
0.15
%/K
111
Vin(X2)
Permissible Inp. Voltage VREXex
at X2 (during reference function)
MUX = 0x30...0x3F
0.5
VDDS
−
2
V
112 Rin(X2)
Input Resistance at X2
(during reference function)
MUX = 0x30...0x3F, R0(3:0) = 0x01,
R12(3:0) = 0x01 (all channels in V-Mode 1:1)
20
27
35
kΩ
113 C(X2)
Permissible C-Load at X2
(during output function)
MUX = 0x20...0x2F, I(X2) = -150...+150 µA
100
pF
114 Vout(X2)
Output Voltage at X2
(during output function)
MUX = 0x20...0x2F, relative to VREFin12;
I(X2) = -10...+10 µA
95
100
105
%
I(X2) = -150...+150 µA
90
110
%
115 VREFI()
Internal Reference Voltages
VREFI0, VREFI12
BIASi = 1
1.35
1.5
1.65
V
BIASi = 0
2.25
2.5
2.75
V
116 Vt()hi
Input Threshold Hi at X1, X2
(during digital input mode)
DUAL = 1, R0 = 0x0, MUX(5:4) = 0
2
V
117 Vt()lo
Input Threshold Lo at X1, X2
(during digital input mode)
DUAL = 1, R0 = 0x0, MUX(5:4) = 0
0.8
V
118 Vt()hys
Input Hysteresis at X1, X2
(during digital input mode)
Vt()hys = Vt()hi - Vt()lo;
200
mV
DUAL = 1, R0 = 0x0, MUX(5:4) = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com