Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4216 Datasheet HTML 4Page - Linear Technology LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology LTC4216 Datasheet HTML 10Page - Linear Technology LTC4216 Datasheet HTML 11Page - Linear Technology LTC4216 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4216
4216f
8
Hot Circuit Insertion
When circuit boards are inserted into a live backplane, the
supply bypass capacitors can draw huge transient current
from the power bus as they charge. Potentially, the flow
of current could damage the connector pins and glitch
the power bus, causing other boards in the system to
reset. The LTC4216 is designed to turn on or off a circuit
board supply in a controlled manner, allowing insertion
or removal without glitches or connector damage.
Overview of LTC4216 Features
1. Allows safe board insertion and removal from a live
backplane.
2. Controls load voltages from 0V to 6V.
3. High side gate drive for external N-channel MOSFET.
4. Adjustable soft-start with inrush current limiting for
large load capacitor during start-up.
5. Adjustable analog current limit (ACL) with circuit
breaker fault time-out during an overcurrent fault condi-
tion. No external gate capacitor is required for the ACL
loop compensation.
6. Electronic circuit breaker tripping at 25mV across the
sense resistor. The response time is adjustable through
an external capacitor at the FILTER pin.
7. Provides an ON pin to turn on and off the device. This
can also be used to reset the device after a circuit breaker
trip.
8. Provides output supply voltage monitoring through the
FB pin and signals the ⎯R⎯E⎯S⎯E⎯T pin output.
9. Provides fault status output.
ON Control
The ON pin has two hysteretic comparators with differ-
ent threshold levels (0.8V and 0.4V) and they serve two
purposes:
1. Turn on the device if the ON pin voltage > 0.8V for more
than 6µs and turn it off if the ON pin voltage < 0.72V for
more than 15µs.
2. Reset the device if the ON pin voltage < 0.4V for more
than 30µs after a circuit breaker trip.
There are various methods of setting the ON pin
voltage:
1. Tie the ON pin to the load supply (VIN) through a 10k
pull-up resistor.
2. Drive the ON pin with an ON/OFF logic signal from the
system controller.
3. Connect an external resistive divider at the ON pin.
This divider can be used to set a higher value for the load
supply undervoltage lockout voltage than the internal VCC
undervoltage lockout circuit.
For example, as shown in Figure 17, if both VCC and
SENSEP pins are connected to a 5V load supply, choosing
the resistive divider values, R1 = 20k, R2 = 80.6k, turns on
the device when the load supply voltage reaches around
80% of its final value.
VCC Undervoltage Lockout
A hysteretic comparator, UVLO, monitors bias supply (VCC)
for undervoltage. The thresholds are defined by VCC(UVL)
(2.12V) and its hysteresis, ΔVCC(UVL,HYST) (120mV).
When VCC rises above VCC(UVL), the device is enabled.
When VCC falls below (VCC(UVL) – ΔVCC(UVL,HYST)), the
device is disabled and GATE is pulled low. If VCC cycles
below this threshold for more than 200µs, following a
circuit breaker trip, it clears the fault latch. Any bias sup-
ply glitches that last less than 10µs will be rejected by the
UVLO glitch filter.
Timer
An external capacitor, C1, is used at TIMER pin to provide
two timing cycles for the LTC4216. The first timing cycle
is the debounce cycle when the ON pin is first turned on,
both the GATE and SS pins are held low and any short-
circuit faults are ignored by the electronic circuit breaker.
Second timing cycle is the power-good delay before the
⎯R⎯E⎯S⎯E⎯T pin goes high when the FB pin voltage exceeds
0.6V and its hysteresis.
The TIMER pin sources 2µA into C1 during the two timing
cycles and is then pulled low by an internal N-channel
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com