Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 1 Page - Linear Technology

  LTC4216 Datasheet HTML 1Page - Linear Technology LTC4216 Datasheet HTML 2Page - Linear Technology LTC4216 Datasheet HTML 3Page - Linear Technology LTC4216 Datasheet HTML 4Page - Linear Technology LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4216
4216f
1
■
Allows Safe Board Insertion and Removal from
a Live Backplane
■
Controls Load Voltages from 0V to 6V
■
Fast Response Limits Peak Fault Current
■
Adjustable Analog Current Limit
■
Adjustable Soft-Start with Inrush Current Limiting
■
Adjustable Response Time for Overcurrent
Protection
■
Low Circuit Breaker Trip Threshold: 25mV
■
No External Gate Capacitor Required
■
Gate Drive for External N-Channel MOSFET
■
Adjustable Supply Voltage Power-Up Rate
■
⎯R⎯E⎯S⎯E⎯T and ⎯F⎯A⎯U⎯L⎯T Output
■
10-Lead MSOP and 12-Lead (4mm × 3mm) DFN
Packages
Ultralow Voltage
Hot Swap Controller
The LTC
®4216 is a positive low-voltage Hot SwapTM
controller that allows a board to be safely inserted and
removed from a live backplane. It controls load voltages
ranging from 0V to 6V and isolates a severe fault with
instantaneous analog current limiting.
An internal high side switch driver controls the gate of
an external N-channel MOSFET. An adjustable soft-start
limits the rate of change of the inrush current at start-up
for a large load capacitor. Together with an analog current
limit amplifier, an electronic circuit breaker with adjustable
response time provides dual level overcurrent protection.
No external gate capacitor is required for the analog cur-
rent limit loop compensation.
The FB pin monitors the output supply voltage and signals
the ⎯R⎯E⎯S⎯E⎯T output pin. An ON pin provides on/off control
and a ⎯F⎯A⎯U⎯L⎯T pin indicates the fault status. The LTC4216
is available in the 10-lead MSOP and 12-lead (4mm ×
3mm) DFN packages.
Single Channel 1.8V Hot Swap Controller
■
Electronic Circuit Breaker
■
Live Board Insertion and Removal
■
Industrial High Side Switch/Circuit Breaker
■
Optical Networking
Normal Power-Up
with Soft-Start
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
4216 TA01b
0.5ms/DIV
VGATE
5V/DIV
IOUT
2.5A/DIV
VOUT
1V/DIV
SENSEP SENSEN GATE
VCC
ON
TIMER
FB
FAULT
RESET
SS
FILTER
LTC4216
330nF
20k
1%
17.4k
1%
10k
10k
1%
15k
1%
LONG
BACKPLANE
CONNECTOR
(FEMALE)
PCB EDGE
CONNECTOR
(MALE)
GND
LONG
SHORT
10nF
10nF
18nF
VOUT
1.8V
5A
VIN
1.8V
VCC
3.3V
GND
Si4864DY
0.004
Ω
22
Ω
3.3V
10k
+
1000
µF
FAULT
RESET
µP
LOGIC
4216 TA01
LONG
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4216 LINER-LTC4216 Datasheet
278Kb / 24P
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LTC4216 LINER-LTC4216 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4216 LINER-LTC4216 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4216 LINER-LTC4216 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4216 LINER-LTC4216 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4216

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
Hot Swap Voltage Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LTC4216 LINER-LTC4216_15 Datasheet
316Kb / 26P
Ultralow Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com