Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 4 Page - Linear Technology

  LTC4216 Datasheet HTML 1Page - Linear Technology LTC4216 Datasheet HTML 2Page - Linear Technology LTC4216 Datasheet HTML 3Page - Linear Technology LTC4216 Datasheet HTML 4Page - Linear Technology LTC4216 Datasheet HTML 5Page - Linear Technology LTC4216 Datasheet HTML 6Page - Linear Technology LTC4216 Datasheet HTML 7Page - Linear Technology LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4216
4216f
4
TEMPERATURE (
°C)
–50
125
4216 G09
–25
0
25
50
75
100
0.611
0.608
0.605
0.602
0.599
0.596
FALLING
RISING
TEMPERATURE (
°C)
–50
125
4216 G08
–25
0
25
50
75
100
–22
–21
–20
–19
–18
TEMPERATURE (
°C)
–50
125
4216 G07
–25
0
25
50
75
100
42
41
40
39
38
TEMPERATURE (
°C)
–50
125
4216 G04
–25
0
25
50
75
100
27
26
25
24
23
VSENSEN (V)
0
14
12
10
8
6
4
2
1
23
4
4216 G06
56
VCC = 6V
TEMPERATURE (
°C)
–50
125
4216 G05
–25
0
25
50
75
100
7.0
6.5
6.0
5.5
5.0
4.5
VCC = 5V
VCC = 3.3V
VSENSEP = VSENSEN = VCC
VCC = 2.5V
VCC (V)
2.0
6.0
4216 G01
2.5
3.0
3.5
4.0
4.5
5.0
5.5
3.0
2.5
2.0
1.5
1.0
0.5
TEMPERATURE (
°C)
–50
125
4216 G02
–25
0
25
50
75
100
3.0
2.5
2.0
1.5
1.0
0.5
VCC = 6V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (
°C)
–50
125
4216 G03
–25
0
25
50
75
100
2.20
2.15
2.10
2.05
2.00
1.95
1.90
FALLING
RISING
ICC vs VCC
ICC vs Temperature
VCC(UVL) vs Temperature
ΔVCB(TH) vs Temperature
ΔVGATE vs Temperature
VGATE vs VSENSEN
ΔVACL(TH) vs Temperature
IGATE(UP) vs Temperature
VFB(TH) vs Temperature
Specifications are at TA = 25°C. VCC = 3.3V,
unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com