Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4216 Datasheet HTML 8Page - Linear Technology LTC4216 Datasheet HTML 9Page - Linear Technology LTC4216 Datasheet HTML 10Page - Linear Technology LTC4216 Datasheet HTML 11Page - Linear Technology LTC4216 Datasheet HTML 12Page - Linear Technology LTC4216 Datasheet HTML 13Page - Linear Technology LTC4216 Datasheet HTML 14Page - Linear Technology LTC4216 Datasheet HTML 15Page - Linear Technology LTC4216 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4216
4216f
12
For example if C
nF
dV
dt
V ms and
dV
dt
Vms
SS NOM
SS SLOW
,,
/
./
.
()
()
210
1
01
==
=
After the initial timing cycle, the SS capacitor is charged
by a 10µA current source pull-up and GATE is held low
by the ACL amplifier. As SS ramps up, the ACL amplifier
releases the GATE when it crosses its input offset volt-
age. At this instant, SS switches the pull-up current from
10µA to 1µA for a slower ramp rate. GATE continues to
charge up with 20µA pull-up before the MOSFET reaches
its turn-on threshold voltage. When the external MOSFET
is first turned on, there is always a current step due to the
high gain of the MOSFET. The slower SS ramp rate allows
the gate of the external MOSFET to be turned on with a
smaller inrush current step.
When the external MOSFET is turned on, load current starts
to flow through the sense resistor, developing a voltage drop
across it. This allows the ACL amplifier to servo the GATE
to the voltage across the sense resistor, thus controlling
the rate of change of the inrush current. At this instant, SS
switches back from 1µA to 10µA current source pull-up
for a normal ramp rate. GATE continues to ramp up as
the ACL amplifier servos to track the SS ramp rate. At the
end of SS ramp-up when SS reaches its final value, GATE
is servoed to ΔVACL(TH) across the sense resistor. If the
voltage across the sense resistor drops below ΔVACL(TH)
due to a falling load current, the ACL amplifier shuts off
and GATE ramps further by a 20µA pull-up.
SS is pulled low under any of the following conditions:
in VCC undervoltage lockout condition, during the first
timing cycle or when the circuit breaker fault times out.
If the soft-start function is not used, leave the SS pin
unconnected.
Inrush Control with GATE Capacitor
For applications not requiring soft-start to control the
di/dt of the inrush current during power-up, an alternative
way to limit the inrush is to control the GATE pin voltage
slew rate by connecting an external capacitor, C4, from
the GATE pin to ground, as shown in Figure 7. The GATE
slew rate is given by:
dV
dt
A
CC
GATE
GATE
=
µ
+
20
4
(7)
where CGATE is the associated parasitic GATE capacitance
due to the external MOSFET’s gate input capacitance,
CISS.
The inrush current flowing into the load capacitor, CLOAD,
is limited to:
IC
dV
dt
C
CC
A
INRUSH
LOAD
GATE
LOAD
GATE
==
+
µ
••
4
20
(8)
For example, if CLOAD = 4700µF, C4 = 33nF and CGATE =
5nF, IINRUSH = 2.5A.
If CLOAD is very large and IINRUSH exceeds the analog
current limit, the GATE is servoed to control the inrush
current to ΔVACL(TH)/RSENSE.
One limitation with this technique is that it slows down
the system turn-on and turn-off time by adding a capaci-
tor at the GATE pin. Should this technique be used, C4 ≤
50nF is recommended. However, having an external gate
capacitor helps to eliminate voltage spikes coupled through
the MOSFET’s drain-to-gate capacitance to the GATE pin
when the supply power is first applied.
Figure 7. Inrush Control with External Gate Capacitor
SENSEP SENSEN GATE
FB
C4
**ADDITIONAL DETAILS
OMITTED FOR CLARITY
LTC4216**
R4
R3
RSENSE
VIN
VOUT
M1
+
CLOAD
4216 F07
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com