Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4216 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4216
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4216 Datasheet HTML 10Page - Linear Technology LTC4216 Datasheet HTML 11Page - Linear Technology LTC4216 Datasheet HTML 12Page - Linear Technology LTC4216 Datasheet HTML 13Page - Linear Technology LTC4216 Datasheet HTML 14Page - Linear Technology LTC4216 Datasheet HTML 15Page - Linear Technology LTC4216 Datasheet HTML 16Page - Linear Technology LTC4216 Datasheet HTML 17Page - Linear Technology LTC4216 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC4216
4216f
14
Figure 8. Normal Power-Up/Power-Down Sequence
capacitors. A second timing cycle starts at time point 11
when the FB pin voltage exceeds 0.6V and the voltage
across the sense resistor drops below 25mV. ⎯R⎯E⎯S⎯E⎯T goes
high at the end of the second timing cycle (time point 12)
when TIMER reaches the VTMR(TH) threshold.
SENSEP
ON
TIMER
SS
GATE
VOUT
RESET
VCC
POWER GOOD
VFB > 0.6V
POWER BAD
VFB < 0.6V
(VGATE – VOUT) > VGS(TH)
VTMR(TH)
VTMR(TH)
TRACKS SS RAMP
20µA
2µA
2µA
0.72V
0.4V
0.8V
10µA
10µA
1µA
12
3
4
5 6
7 8
9
CHECK FOR GATE,
FILTER, TIMER,
SS < 0.2V
CHECK FOR GATE, FILTER,
TIMER, SS < 0.2V AND FAULT HIGH
10 11 12
13
PLUG-IN CYCLE
FIRST TIMING CYCLE
POWER-GOOD DELAY
SECOND TIMING CYCLE
4216 F08
START
GATE
RAMP
ELECTRONIC CIRCUIT
BREAKER ARMED
RESET GOES HIGH
IN
RESET
MODE
ON GOES LOW
RESET PULLED LOW
DUE TO POWER BAD
START 2ND TIMING CYCLE
(CHECK TIMER < 0.2V AND
FAULT HIGH)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com