Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371QESTTC Datasheet(PDF) 23 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
23 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
The additional terms are relatively small, so the exact equations will only make a significant difference at lower operating voltages at the
input and output, i.e. low input voltage or a small number of LEDs connected in series. The estimates of VF and VDSON depend on the coil
current. The mean coil current, ICOIL depends upon the topology and upon the mean terminal currents as follows:
ICOIL = ILED
for Buck
ICOIL = IIN
for Boost
ICOIL = IIN + ILED
for Buck-Boost
Equation 8
ILED is the target LED current and is already known. IIN will be calculated with some accuracy later, but can be estimated now from the
electrical power efficiency. If the expected efficiency is roughly 90%, the output power POUT is 90% of the input power, PIN, and the coil
current is estimated as follows.
POUT
0.9 PIN
or
ILED N VLED
0.9 IIN VIN
where N is the number of LEDs connected in series, and VLED is the forward voltage drop of a single LED at ILED.
So
II
ILED
VLED
0.9 VI
Equation 9
Equation 9 can now be used to find ICOIL in Equation 8, which can then be used to estimate the small terms in Equation 7. This
completes the calculation of Duty Cycle and the selection of Buck, Boost or Buck-boost topology.
An initial estimate of duty cycle is required before we can choose a coil. In Equation 7, the following approximations are recommended:
VF
= 0.5V
IIN × (RS+RCOIL)
= 0.5V
IOUT × (RS+RCOIL)
= 0.5V
VDSON
= 0.1V
(IIN+IOUT)(RS+RCOIL)
= 1.1V
Then Equation 7 becomes
DBUC
VOUT 1
VI
0.4
for Buck
DBOOST
VOUT - VI
1
VOUT
0.4
for Boost
DBB
VOUT
1.
VOUT
VI
0.4
for Buck-boost
Equation 7a
Setting the LED Current
The LED current requirement determines the choice of the sense resistor Rs. This also depends on the voltage on the ADJ pin and the
voltage on the GI pin, according to the topology required.
The ADJ pin may be connected directly to the internal 1.25V reference (VREF) to define the nominal 100% LED current. The ADJ pin can
also be driven with an external DC voltage between 125mV and 1.25V to adjust the LED current proportionally between 10% and 100% of
the nominal value.
For a divider ratio GI_ADJ greater than 0.65V, the ZXLD1371Q operates in Buck mode when VADJ = 1.25V. If GI_ADJ is less than 0.65V
(typical), the device operates in Boost or buck-Boost mode, according to the load connection. This 0.65V threshold varies in proportion to
VADJ, i.e., the Buck mode threshold voltage is 0.65 VADj /1.25 V.
ADJ and GI are high impedance inputs within their normal operating voltage ranges. An internal 1.3V clamp protects the device against
excessive input voltage and limits the maximum output current to approximately 4% above the maximum current set by VREF if the
maximum input voltage is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com