Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371QESTTC Datasheet(PDF) 24 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
24 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
Buck Topology
In Buck mode, GI is connected to ADJ as in Figure 5. The LED current
depends only upon RS, VADJ and VREF. From Equation 1 above,
SBuck
0.21
ILED
VADJ
V E
Equation 10
If ADJ is directly connected to VREF, this becomes:
SBuck
0.21
ILED
Figure 5 Setting LED current in Buck configuration
Boost and Buck-boost topology
For Boost and Buck-boost topologies, the LED current depends upon the
resistors, RS, RGI1, and RGI2 as in Equations 4 and 2 above. There is
more than one degree of freedom. That is to say, there is not a unique
solution. From Equation 4,
SBoostBB
0.225
ILED
GI ADJ
VADJ
V E
Equation 11
If ADJ is connected to REF, this becomes
SBoostBB
0.225
ILED
GI ADJ
GI_ADJ is given by Equation 2, repeated here for convenience:
GI ADJ
GI1
GI1
GI2
Figure 6 Setting LED current in Boost and Buck-
boost configurations
Note that from considerations of ZXLD1371Q input bias current, the recommended limits for RGI1 are:
22kΩ < GI1 < 100kΩ
Equation 12
The additional degree of freedom allows us to select GI_ADJ within limits but this may affect overall performance a little. As mentioned
above, the working voltage range at the GI pin is restricted. The permitted range of GI_ADJ in Boost or Buck-boost configuration is
0.2 < GI_ADJ < 0.5
Equation 13
The mean voltage across the sense resistor is
VRS = ICOIL RS
Equation 14
Note that if GI_ADJ is made larger, these equations show that RS is increased and VRS is increased. Therefore, for the same coil
current, the dissipation in RS is increased. So, in some cases, it is better to minimize GI_ADJ. However, consider Equation 5. If ADJ is
connected to REF, this becomes
V S 0.225
GI ADJ
1 D
This shows that VRS becomes smaller than 225mV if GI_ADJ < 1 - D. If also D is small, VRS can become too small. For example if D =
0.2, and GI_ADJ is the minimum value of 0.2, then VRS becomes 0.225* 0.2 / 0.8 = 56.25 mV. This will increase the LED current error due
to small offsets in the system, such as mV drop in the copper printed wiring circuit, or offset uncertainty in the ZXLD1371Q. If now,
GI_ADJ is increased to 0.4 or 0.5, VRS is increased to a value greater than 100mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com