Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371QESTTC Datasheet(PDF) 26 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
26 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
Inductor Selection and frequency Control
The selection of the inductor coil, L1, requires knowledge of the switching frequency and current ripple, and also depends on the duty cycle
to some extent. In the hysteretic converter, the frequency depends upon the input and output voltages and the switching thresholds of the
current monitor. The peak-to-peak coil current is adjusted by the ZXLD1371Q to control the frequency to a fixed value. This is done by
controlling the switching thresholds within particular limits. This effectively much reduces the overall frequency range for a given input
voltage range. Where the input voltage range is not excessive, the frequency is regulated to approximately 390kHz. This is helpful in terms
of EMC and other system requirements. Figure 7 shows practical results of switching frequency driving 8 LEDs at 350mA.
Figure 7 Frequency vs. VIN for Boost LED Driver with
350mA LED Current and Various Inductor Values
For larger input voltage variation, or when the choice of coil inductance is not optimum, the switching frequency may depart from the
regulated value, but the regulation of LED current remains successful. If desired, the frequency can to some extent be increased by using a
smaller inductor, or decreased using a larger inductor. The web Calculator will evaluate the frequency across the input voltage range and
the effect of this upon power efficiency and junction temperatures.
Determination of the input voltage range for which the frequency is regulated may be required. This calculation is very involved, and is not
given here. However the performance in this respect can be evaluated within the web Calculator for the chosen inductance.
The inductance is given as follows in terms of peak-to-
peak ripple current in the coil, ΔIL and the MOSFET on time, tON.
L1
VI
VLED IOUT
DSO
COIL
S
tO
IL
for Buck
L1
VI
II
DSO
COIL
S
tO
IL
for Boost
L1
VI
(II
IOUT
DSO
COIL
S
tO
IL
for Buck boost
Equation 18
Therefore In order to calculate L1, we need to find IIN, tON
, and ΔIL. The effects of the resistances are small and will be estimated.
IIN is estimated from Equation 9.
tON is related to switching frequency, f, and duty cycle, D, as follows:
tO
D
f
Equation 19
As the regulated frequency is known, and we have already found D from Equation 7 or the approximation Equation 7b, this allows
calculation of tON.
6
5
7
8
10
9
11
12
13
14
15
16
17
18
19
20
V
(V)
IN
T = 25 C, V
= V
8 LEDs, R = 150m ,
R9 = 120k , R10 = 36k ,
C
= 100µF
A
AUX
IN
S
IN

L = 33µH
0
50
100
150
200
250
300
350
400
450
500
L = 100µH
L = 68µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com