Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371QESTTC Datasheet(PDF) 31 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 31 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 30Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 31Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 32Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 33Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 34Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 35Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
31 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
Input Capacitor
The input capacitor can be calculated knowing the input voltage ripple VIN-PP as follows:
Buck
Use D = 0.5 as worst case
Boost
Buck-boost
Use D = DMAX as worst case
The minimum RMS current for the output capacitor is calculated as follows:
Buck
use D=0.5 as worst case
Boost
Buck-boost
Use D=DMAX as worst case
LED Current Dimming
The ZXLD1371Q has 3 dimming methods for reducing the average LED current
1.
DC dimming using the ADJ pin
2.
PWM dimming using the PWM pin
3.
DC dimming for thermal protection using the TADJ pin.
DC or Analog Dimming
The ZXLD1371Q has a clamp on the ADJ pin to prevent over-driving of the LED current which results in the maximum voltage being
applied to internal circuitry is the reference voltage. This provides a 10:1 dynamic range of DC LED current adjustment.
The equation for DC dimming of the LED current is approximately:
ILED DIM ILED OM
VADJ
V E
Where
ILED_DIM
is
the
dimmed
LED
current
ILED_NOM is the LED current with VADJ = 1.25V
One consequence of DC dimming is that as the ADJ pin voltage
is reduced the sense voltage will also be reduced which has an
impact on accuracy and switching frequency especially at lower
ADJ pin voltages.
Figure 9 LED Current and switching frequency vs. ADJ
Voltage
PP
IN
SW
LED
IN
V
x
f
I
x
)
D
1
(
x
D
C
PP
IN
SW
PP
L
IN
V
x
f
x
8
I
C
PP
IN
V
x
SW
f
LED
I
x
D
IN
C
)
D
1
(
Dx
x
I
I
LED
RMS
CIN
12
I
I
PP
L
RMS
CIN
)
D
1
(
D
x
I
I
LED
RMS
CIN
0
150
300
450
600
750
0
150
300
450
600
750
0
0.25
0.5
0.75
1
1.25
ADJ VOLTAGE (V)
Led Current and Switching Frequency vs.
Switching
Frequency
T =25°C
V
=V =12V
2 LEDs
L=33µH
R =300m
A
AUX
IN
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com