Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM548331 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM548331
Description  222,720-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548331 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM548331 Datasheet HTML 1Page - OKI electronic componets MSM548331 Datasheet HTML 2Page - OKI electronic componets MSM548331 Datasheet HTML 3Page - OKI electronic componets MSM548331 Datasheet HTML 4Page - OKI electronic componets MSM548331 Datasheet HTML 5Page - OKI electronic componets MSM548331 Datasheet HTML 6Page - OKI electronic componets MSM548331 Datasheet HTML 7Page - OKI electronic componets MSM548331 Datasheet HTML 8Page - OKI electronic componets MSM548331 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
¡ Semiconductor
MSM548331
3/23
Note: Same power supply voltage level must be provided to every VCC pin.
Same ground voltage level must be provided to every VSS pin.
Pin Name
Serial Read/Write Cycle
Address Setting Cycle
Function
RCLK
Read Port, Serial Read Clock
Read Port, X Serial Address Strobes
RE
Read Port, Read Enable
DO0 - 11
Read Port, Data Output
RR
Read Port, Address Reset Mode Enable
RXINC
Read Port, X Address Increment
RADE/RX
Read Port, X Address Input Enable
Read Port, X Address Reset
RXAD
Read Port, X Serial Address Data
OE
Output Enable
WCLK
Write Port, Serial Write Clock
Write Port, X Serial Address Strobes
WE
Write Port, Write Enable
DIN0 - 11
Write Port, Input Data
WR/TR
Write Port, Write Data Transfer
Write Port, Address Reset Mode Enable
WXINC
Write Port, X Address Increment
WADE/RX
Write Port, X Address Input Enable
Write Port, X Address Reset
WXAD
Write Port, X Serial Address Data
IE
Input Enable
VCC
Power Supply Voltage (3.3 V)
VSS
Ground (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com