Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM548331 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM548331
Description  222,720-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548331 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM548331 Datasheet HTML 9Page - OKI electronic componets MSM548331 Datasheet HTML 10Page - OKI electronic componets MSM548331 Datasheet HTML 11Page - OKI electronic componets MSM548331 Datasheet HTML 12Page - OKI electronic componets MSM548331 Datasheet HTML 13Page - OKI electronic componets MSM548331 Datasheet HTML 14Page - OKI electronic componets MSM548331 Datasheet HTML 15Page - OKI electronic componets MSM548331 Datasheet HTML 16Page - OKI electronic componets MSM548331 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
¡ Semiconductor
MSM548331
13/23
AC Characteristics (2/2)
RCLK Cycle Time
RCLK "H" Pulse Width
RCLK "L" Pulse Width
ns
tRCLK
RR-RCLK Active Setup Time
ns
tWRCLH
RR-RCLK Active Hold Time
ns
tWRCLL
RR-RCLK Inactive Hold Time
ns
tRRS
RR-RCLK Inactive Setup Time
ns
tRRH
RXINC-RCLK Active Setup Time
ns
tRRDH
RXINC-RCLK Active Hold Time
ns
tRRDS
RXINC-RCLK Inactive Hold Time
ns
tRINS
RXINC-RCLK Inactive Setup Time
ns
tRINH
RADE/RX-RCLK Active Setup Time
ns
tRINDH
RADE/RX-RCLK Active Hold Time
ns
tRINDS
RADE/RX-RCLK Inactive Setup Time
ns
tRRXS
RADE/RX-RCLK Inactive Hold Time
ns
tRRXH
ns
tRRXDS
RE Enable Setup Time
ns
tRRXDH
RE Enable Hold Time
RE Disable Hold Time
RE Disable Setup Time
Read Port Read Enable Time
Read Port Read Data Hold Time
ns
tRES
Access Time from RCLK
ns
tREH
ns
tREDH
ns
tREDS
ns
tSRE
ns
tOH
ns
tAC
Read Data Hold Time from OE
Access Time from OE
ns
tDDOE
ns
tDEOE
Transition Time (Rise and Fall)
ns
tT
Unit
Symbol
Parameter
Measurement Conditions: (VCC = 3.3 V ±0.3 V, Ta = 0 to 70°C)
tRAS
ns
tRAH
ns
tRADH
ns
ns
tRADS
ns
tRXAS
ns
tRXAH
Serial Read Address Input Active Setup Time
Serial Read Address Input Active Hold Time
Serial Read Address Input Inactive Hold Time
Serial Read Address Input Inactive Setup Time
Serial Read X Address Setup Time
Serial Read X Address Hold Time
Max.
30
20
30
Min.
30
13
13
5
7
7
7
5
7
7
7
5
7
7
7
5
7
7
7
3000
12
2
2
5
7
7
7
5
7
Note :
Measurement conditions
Input pulse level
: VIH = 2.1 V, VIL = 0.8 V
Input timing reference level
: VIH = 2.1 V, VIL = 0.8 V
Output timing reference level : VOH = 2.2 V, VOL = 0.6 V
Input rise/fall time
: 2 ns
Load condition
:CL=30pF(Oscilloscopeandtoolcapacityincluded)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com