Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM548331 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM548331
Description  222,720-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548331 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM548331 Datasheet HTML 4Page - OKI electronic componets MSM548331 Datasheet HTML 5Page - OKI electronic componets MSM548331 Datasheet HTML 6Page - OKI electronic componets MSM548331 Datasheet HTML 7Page - OKI electronic componets MSM548331 Datasheet HTML 8Page - OKI electronic componets MSM548331 Datasheet HTML 9Page - OKI electronic componets MSM548331 Datasheet HTML 10Page - OKI electronic componets MSM548331 Datasheet HTML 11Page - OKI electronic componets MSM548331 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
¡ Semiconductor
MSM548331
8/23
2. Read address pointer increment operation
The read address pointer is incremented synchronized with RCLK when OE level is high.
RE
H
H
L
OE
H
L
H
RCLK Rise
Internal Read
Address Pointer
Data Output
Incremented
Outputted
Outputted
Stopped
Relationship between the RE and OE input levels,
Read Address pointer, and data output status
L
L
Hi-Z
Hi-Z
When each read address pointer reaches the last address of a line, it stops at the last address
and no address increment occurs.
Initial Address Setting (Write/Read Independent)
Any read operations are prohibited in the read initial address set period. Similarly, any write
operations are prohibited in the write initial address set period. Note that read initial address set and
writeinitialaddresssetcanoccurindependently.Similarly,readaccesscanbeachievedindependently
from write initial address set period and write access can be achieved independently from read initial
address set cycles.
1. Write address setting
WADE/RX enables initial read address inputs. When WADE/RX is high, 9 bits of serial X
address (or line address) are input from WXAD.
The operations above enable selection of specific lines randomly and enables the start of serial
write access synchronized with write clock WCLK. Address for each line must be input
between each line access. In other words, MSM548331's write is achieved in a "line by line"
manner. Any write operations are prohibited in the initial write address set periods.
Serial write input enable time tSWE must be kept for starting a serial write just after the initial
write address set period.
2. Read address setting
RADE/RX enables initial read address inputs.
When RADE/RX is high, 9 bits of serial X address (or line address) are input from RXAD.
The operations above enable selection of specific lines randomly and enables the start of serial
read access synchronized with read clocks, RCLK. Address for each line must be input
between each line access. In other words, MSM548331's read operation is achieved in "line by
line" manner.
Any read operations are prohibited in the initial read address set periods. Serial read
operations are prohibited while RADE/RX is high. Serial read port enable time tSRE must be
kept for starting a serial read just after the initial read address set period.
Initial Address Reset Modes (Write/Read Independent)
The initial address reset modes replace complicated read or write initial address settings with simple
resetcycles.InitialaddressresetmodesareselectedbyRRhighduringreadandWR/TRhighduring
write. As in normal read or write address settings, any read operations are prohibited in the read
address reset cycles. Similarly, any write operations are prohibited in the initial write address reset
cycles. Note that read initial address reset and write initial address reset can occur independently.
Similarly, read access can be achieved independently from write initial address reset cycles and write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com