Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM548331 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM548331
Description  222,720-Word x 12-Bit Field Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM548331 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM548331 Datasheet HTML 3Page - OKI electronic componets MSM548331 Datasheet HTML 4Page - OKI electronic componets MSM548331 Datasheet HTML 5Page - OKI electronic componets MSM548331 Datasheet HTML 6Page - OKI electronic componets MSM548331 Datasheet HTML 7Page - OKI electronic componets MSM548331 Datasheet HTML 8Page - OKI electronic componets MSM548331 Datasheet HTML 9Page - OKI electronic componets MSM548331 Datasheet HTML 10Page - OKI electronic componets MSM548331 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
¡ Semiconductor
MSM548331
7/23
OPERATION MODE
Write
1. Write operation
Before the write operation begins, X address (or line address) must be input to set the initial
bit address for the following serial write access. When WE and IE are high, a set of serial 12-
bit-widthwritedataonDIN0-11iswrittenintowriteregistersattachedtotheDRAMmemory
arrays temporarily on the rising edge of WCLK.
Following 12-bit-width serial input data is written into the memory locations in the write
register designated by an internal write address pointer which is advanced by WCLK. This
enables continuous serial write on a line. When write clock WCLK and read clock RCLK are
tied together and are controlled by a common clock or CLK, more than two MSM548331s can
be cascaded directly without any delay devices between the MSM548331s because the read
timing is delayed by one CLK cycle to the write timing. When the write operation on a line is
terminated, be sure to perform a write transfer operation by WR/TR in order to store the
written data in the write registers to the corresponding memory cells in the DRAM memory
arrays.
2. Write address pointer increment operation
The write address pointer is incremented synchronously with WCLK when WE is high.
WE
H
H
L
IE
H
L
—
WCLK Rise
Internal Write
Address Pointer
Data Input
Incremented
Inputted
Not Inputted
Stopped
Relationship between the WE and IE input levels,
Write Address pointer, and data input status
When WE and IE are high, the write operation is enabled.
If IE level goes low while WCLK is active, the write operation is halted but the write address
pointer will continue to advance. That is, IE enables a write mask function. When WE goes
low, the write address pointer stops without WCLK.
Read
1. Read operation
Before the read operation begins, the X address (or line address) must be input for setting
initial bit address for the following serial read access.
When both RE and OE are high, a set of serial 12-bit-width read data on DO0-11 pins is read
from read registers attached to DRAM memory arrays on the rising edge of RCLK.
Each access time is specified by the rising edges of RCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com