Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP388 Datasheet(PDF) 6 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 6 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 10Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
6 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
1.
Specification
If not stated otherwise,
All values are valid over the full voltage range
All minimum/maximum values are given for the full accuracy temperature range
Minimum/maximum values of drifts, offsets and temperature coefficients are ±3
 values over lifetime
Typical values of currents and state machine timings are determined at 25 °C
Typical values of currents and state machine timings are determined at 25°C. minimum/maximum values of currents
are determined at -40°C/85°C.
Minimum/maximum values of state machine timings are determined using corner lots over 0…+65 °C temperature
range.
Table 2: General electrical parameter specifications
OPERATING CONDITIONS BMP388
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating
temperature range
TA
operational
-40
25
+85
°C
full accuracy
0
+65
Operating pressure
range
P
full accuracy
300
1250
hPa
Sensor supply
voltage
VDD
ripple max. 50mVpp
1.65
1.8
3.6
V
Interface supply
voltage
VDDIO
1.2
1.8
3.6
V
Sleep current
IDD,sleep
VDD = VDDIO 1.8-3.6 V
2
µA
Peak current
Ipeak
during pressure
measurement
700
800
µA
Current at
temperature
measurement
IDDT
300
400
µA
Relative accuracy
pressure
Arel
900 … 1100 hPa
25 . . . 40 °C
±0.081
hPa
±66
cm
Offset temperature
coefficient
TCO
700-1100 hPa
0 . . . 55 °C
±0.75
Pa/K
700-1100 hPa
-20 . . .0 °C
±1.0
Pa/K
Absolute accuracy
pressure
APfull
300. . 1100 hPa
-20 . . . 65 °C
±0.50
hPa
APext
900. . 1100 hPa
25 . . . 40 °C
±0.40
hPa
AP
1100 . . 1250 hPa
0 . . 65 °C
-1.5
±0.50
1.5
hPa
1 Mean value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com