Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP388 Datasheet(PDF) 25 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 25 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 29Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
25 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
3.8.
Current consumption
The current consumption depends on ODR and oversampling setting. The values given below are normalized to an ODR of
1 Hz. The actual consumption at a given ODR can be calculated by multiplying the consumption in Table 20 with the ODR
used. The actual ODR is defined either by the frequency at which the user sets forced measurements or by oversampling
and sampling period settings in normal mode in Table 23.
Table 20: Current consumption
Oversampling setting
Pressure
oversampling
Temperature
oversampling
IDD [µA] @ 1 Hz forced
mode
Typ
Calculated
Forced
Mode
Max
Ultra low power
×1
×1
3.4
4.3
7.4
Low power
×2
×1
4.8
5.6
9.3
Standard resolution
×4
×1
7.8
8.2
12.8
High resolution
×8
×1
13.8
13.3
19.5
Ultra high resolution
×16
×2
26.2
24.3
33.5
highest resolution
×32
×2
46.4
45.0
59.2
3.9.
Measurement timings
The rate at which measurements can be performed in forced mode depends on the oversampling settings osr_t and osr_p.
Thus in normal mode, the measurement rate is determined by the sampling frequency fsample.
3.9.1. Measurement time
The following table explains the typical and maximum measurement time based on selected oversampling setting. The
minimum achievable frequency is determined by the maximum measurement time.
Table 21: measurement time
Oversampling
setting
Pressure
oversampl
ing
Tempera
ture
oversam
pling
Measurement
time [ms]
Measurement
rate [Hz]
Typ
Max
calculate
d min
time in
forced
mode
Typ
Min
calculate
d max
rate in
forced
mode
Ultra low power
×1
×1
5.5
5.7
4.9
181.8
155.6
202
Low power
×2
×1
7.5
8.7
6.9
133.3
114.6
144.1
Standard resolution
×4
×1
11.5
13.3
10.9
87.0
75.0
91.4
High resolution
×8
×1
19.5
22.5
18.9
51.3
44.4
52.8
Ultra high resolution
×16
×2
37.5
43.2
36.9
26.7
23.1
27.1
highest resolution
×32
×2
68.9
14.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com