Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP388 Datasheet(PDF) 33 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 33 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 37Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
33 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
4.3.10. Register 0x14 “FIFO_DATA”
The “FIFO_DATA” is the data output register.
Table 33: Register 0x14 “FIFO_DATA”
Name
Description
Bit 7..0
fifo_data
FIFO read data.
4.3.11. Register 0x15 .. 0x16 FIFO Watermark
The FIFO Watermark size is 9 Bit and therefore written to the FIFO_WTM_0 and FIFO_WTM_1 registers.
Table 34: FIFO Watermark Register Overview
Register
0x16 FIFO_WTM_1
0x15 FIFO_WTM_0
Bit
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
name
fifo_water_mark_8
fifo_water_mark_7_0
4.3.12. Register 0x17 “FIFO_CONFIG_1”
The “FIFO_CONFIG_1” register contains the FIFO frame content configuration.
Table 35: Register 0x17 “FIFO_CONFIG_1”
Name
Description
Bit 0
fifo_mode
Enables or disables the FIFO
0
disable
1
enable FIFO mode
Bit 1
fifo_stop_on_full
Stop writing samples into FIFO when FIFO is full.
0
disable do not stop writing to FIFO when full
1
enable Stop writing into FIFO when full.
Bit 2
fifo_time_en
Return sensortime frame after the last valid data frame.
0
disable do not return sensortime frame
1
enable return sensortime frame
Bit 3
fifo_press_en
Store pressure data in FIFO
0
disable no pressure data is stored
1
enable pressure data is stored
Bit 4
fifo_temp_en
Store temperature data in FIFO
0
disable no temperature data is stored
1
enable temperature data is stored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com