Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP388 Datasheet(PDF) 27 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 27 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 31Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
27 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
3.11. Output compensation
The BMP388 output consists of the ADC output values (including oversampling). However, each sensing element behaves
differently, and thus in order to receive the most accurate physical values for temperature and pressure, compensation
formulae have to be applied to the raw output values received from the sensor. The coefficients used for the compensation
are stored into the devices’ non-volatile memory (NVM) during production (see Table 22). For the compensation formula
please see Appendix 9.
3.11.1. Memory Map Trimming Coefficients
Table 22: Trimming Coefficient listing in register map with size and sign attributes
Memory-
ADR_Read
[dec]
Memory-
ADR_Read
[hex]
Register content
Trimming
Coefficient
Size
Sign
69
0x45
NVM_PAR_P11<7:0>
NVM_PAR_P11
8 Bit
signed
68
0x44
NVM_PAR_P10<7:0>
NVM_PAR_P10
8 Bit
signed
67
0x43
NVM_PAR_P9<15:8>
NVM_PAR_P9
16
Bit
signed
66
0x42
NVM_PAR_P9<7:0>
65
0x41
NVM_PAR_P8<7:0>
NVM_PAR_P8
8 Bit
signed
64
0x40
NVM_PAR_P7<7:0>
NVM_PAR_P7
8 Bit
signed
63
0x3F
NVM_PAR _P6<15:8>
NVM_PAR _P6
16
Bit
unsigned
62
0x3E
NVM_PAR _P6<7:0>
61
0x3D
NVM_PAR _P5<15:8>
NVM_PAR _P5
16
Bit
unsigned
60
0x3C
NVM_PAR _P5<7:0>
59
0x3B
NVM_PAR _P4<7:0>
NVM_PAR _P4
8 Bit
signed
58
0x3A
NVM_PAR _P3<7:0>
NVM_PAR _P3
8 Bit
signed
57
0x39
NVM_PAR _P2<15:8>
NVM_PAR _P2
16
Bit
signed
56
0x38
NVM_PAR _P2<7:0>
55
0x37
NVM_PAR _P1<15:8>
NVM_PAR _P1
16
Bit
signed
54
0x36
NVM_PAR _P1<7:0>
53
0x35
NVM_PAR _T3<7:0>
NVM_PAR _T3
8 Bit
signed
52
0x34
NVM_PAR _T2<15:8>
NVM_PAR _T2
16
Bit
unsigned
51
0x33
NVM_PAR _T2<7:0>
50
0x32
NVM_PAR _T1<15:8>
NVM_PAR _T1
16
Bit
unsigned
49
0x31
NVM_PAR _T1<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com