Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM1650 Datasheet(PDF) 8 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1650
Description  Driver Control / Keyboard Scanned Special integrated circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1650 Datasheet(HTML) 8 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1650 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LED
LED
LED
LED 驱动控制
驱动控制
驱动控制
驱动控制////键盘扫描专用集成电路
键盘扫描专用集成电路
键盘扫描专用集成电路
键盘扫描专用集成电路 TM1650
TM1650
TM1650
TM1650
www.szpth.com
V1.0
8
备注:
1)
芯片的滤波电容在布板的时候应尽量靠近 TM1650 引脚放置,加强滤波效果。
2)
芯片电源以及地的网络在部线时线宽要尽量加宽。
3)
因蓝光数码管的导通压降约为 3.0V,因此 TM1650 供电应选 5.0V。
All specs and applications shown above subject to change without prior notice.
(以上电路及规格仅供参考,如本公司进行修正,恕不另行通知。
IC
IC
IC
IC 封装示意图
封装示意图
封装示意图
封装示意图(
(
(
(SOP16
SOP16
SOP16
SOP16)
)
)
):
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com