Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6801GL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD6801GL
Description  LED Lighting Output Current Ripple Suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6801GL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD6801GL Datasheet HTML 1Page - Leadtrend Technology LD6801GL Datasheet HTML 2Page - Leadtrend Technology LD6801GL Datasheet HTML 3Page - Leadtrend Technology LD6801GL Datasheet HTML 4Page - Leadtrend Technology LD6801GL Datasheet HTML 5Page - Leadtrend Technology LD6801GL Datasheet HTML 6Page - Leadtrend Technology LD6801GL Datasheet HTML 7Page - Leadtrend Technology LD6801GL Datasheet HTML 8Page - Leadtrend Technology LD6801GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LD6801
07/28/2015
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6801-DS-00 July 2016
Electrical Characteristics
(VIN=18V, TA = 25
C unless otherwise specified.)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (VIN Pin)
VIN Clamp Voltage *
IIN_CLAMP=2mA;
VIN_CLAMP
29
33
V
Operating Current
IVIN
500
A
UVLO(OFF)
VUV_OFF
7
8
9
V
UVLO(ON)
VUV_ON
15.5
16.5
17.5
V
Gate Drive Output (OUT Pin)
Maximum Output voltage
VOUT
10
11
13
V
LED REFERENCE FILTER (REF Pin)
VREF Clamp Voltage
Start Up and Protection
mode
VREF_CLAMP
3.2
3.6
3.9
V
VREF
Maximum
operation
Voltage
Normal operation mode
VREF_MAX
2.8
3
3.2
V
LED
Reference
Voltage
to
LED Current rate
RK 1K(+/-5%)
K10
9.5
10
10.5
-
RK =51K(+/-5%)
K13
13
-
RK
100K(+/-5%)
K16
16
-
Over Voltage Protection (OVP pin)
OVP Pin Clamp Voltage
VOVP_CLAMP
4
V
Short LED Protection Sink
Current
IOVP
35
40
45
A
Short LED Protection Delay
Time *
TON_SHORT
150
S
Short LED Protection Reset
Time *
TOFF_SHORT
40
mS
LED Open Protection
Threshold Voltage
VOVP_LOW
100
mV
Internal OTP
OTP Trip level *
110
130
150
C
OTP Hysteresis *
30
C
*: Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com