Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6801GL Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD6801GL
Description  LED Lighting Output Current Ripple Suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6801GL Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD6801GL Datasheet HTML 3Page - Leadtrend Technology LD6801GL Datasheet HTML 4Page - Leadtrend Technology LD6801GL Datasheet HTML 5Page - Leadtrend Technology LD6801GL Datasheet HTML 6Page - Leadtrend Technology LD6801GL Datasheet HTML 7Page - Leadtrend Technology LD6801GL Datasheet HTML 8Page - Leadtrend Technology LD6801GL Datasheet HTML 9Page - Leadtrend Technology LD6801GL Datasheet HTML 10Page - Leadtrend Technology LD6801GL Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LD6801
07/28/2015
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6801-DS-00 July 2016
Application Information
Basic Description
LD6801 is an external MOSFET controller for LED
lighting
current
ripple
eliminated.
The
REF
pin
connection a filter capacitor to GND to suppressor the
100/120Hz LED current ripple. In the start-up process,
the LD6801 charges the REF capacitor quickly to avoid
LED voltage overshoot this time. And the device provide
adjustable short LED string protection, LED string open
protection and programmable over current limiting.
Theory of Operation
The LED light bar and LD6801 are both supplied by an
AC/DC current source. The drain of external MOSFET is
connected to the cathode of LED light bar. A sensing
resistor ROCP is connected between the source of
MOSFET and GND. The gate is connected to the OUT
pin of LD6801.
The LD6801 detects the OVP pin and OCP pin voltage
to adjust CREF Voltage and control the external MOSFET
operate in saturation region. When external MOSFET
working in the saturation region, the LED current ripple
transfer to LED voltage on MOSFET. If the drain Voltage
of external MOSFET break away saturation region, the
LED current ripple suppressor will invalid naturally.
Reference Voltage to LED Current Ratio
and LED Current Limit
There is K value ratio of the LED current and VREF
voltage. It provides stable voltage to let MOSFET be
working in saturation Region and suppress LED current
100~120Hz ripple. The following table is the K value
ratio setting.
RK parameter
(Ω)
K value ratio (VREF/VOCP)
< 1k
10
45~58k
13
> 75k
16
The over current protection is regulation the LED current
to limit threshold. The VREF operation voltage is limited
to 3V on REF pin. So that the LED limit current threshold
is
VOCP = ILED * ROCP = VREF / K
The suggestion for normal LED operation current is
0.4~0.8 times LED limit current threshold. It avoids the
larger LED current ripple to trigger over current limit
protection or produce MOSFET thermal issue.
LED String Open Protection
When OVP pin voltage and REF Voltage is under 0.2V.
The LD6801 would be go to LED open stage and OUT
pin and VREF voltage pull high until the LED string reply
connection.
LED string Short Protection
Fig. 11 is the function block of LED short protection. If
OVP pin voltage larger than 4V and in condition of IOVP >
40uA and continuous 150uS around, the LD6801 would
be turn off MOSFET until 40mS around. Then, the Over
voltage protection state is reset.
The programed over voltage protection calculated as
below:
VOVP_TH = 4V + (ROVP * 40A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com