Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6801GL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD6801GL
Description  LED Lighting Output Current Ripple Suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6801GL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD6801GL Datasheet HTML 2Page - Leadtrend Technology LD6801GL Datasheet HTML 3Page - Leadtrend Technology LD6801GL Datasheet HTML 4Page - Leadtrend Technology LD6801GL Datasheet HTML 5Page - Leadtrend Technology LD6801GL Datasheet HTML 6Page - Leadtrend Technology LD6801GL Datasheet HTML 7Page - Leadtrend Technology LD6801GL Datasheet HTML 8Page - Leadtrend Technology LD6801GL Datasheet HTML 9Page - Leadtrend Technology LD6801GL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LD6801
07/28/2015
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6801-DS-00 July 2016
Typical Performance Characteristics
Temperature (
C)
Fig. 1
IVIN vs. Temperature
-40
0
40
80
120 125
250
300
350
400
450
200
Temperature (
C)
Fig. 2
VUV_ON vs. Temperature
-40
0
40
80
120
125
15.6
15.8
16.0
16.2
16.4
16.6
Temperature (
C)
Fig. 3
VUV_OFF vs. Temperature
8.1
8.5
8.7
9.1
8.3
-40
0
40
80
120
125
8.9
Fig. 4
VREF_CLAMP vs. Temperature
Temperature (
C)
3.1
3.3
3.5
3.7
3.9
4.1
-40
0
40
80
120 125
Temperature (
C)
Fig. 5
IOVP vs. Temperature
33
36
39
42
45
48
-40
0
40
80
120
125
Fig. 6
VLED=36V,ILED=1000mA,W/O LD6801
ILED_AC
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com