Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6801GL Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD6801GL
Description  LED Lighting Output Current Ripple Suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6801GL Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD6801GL Datasheet HTML 3Page - Leadtrend Technology LD6801GL Datasheet HTML 4Page - Leadtrend Technology LD6801GL Datasheet HTML 5Page - Leadtrend Technology LD6801GL Datasheet HTML 6Page - Leadtrend Technology LD6801GL Datasheet HTML 7Page - Leadtrend Technology LD6801GL Datasheet HTML 8Page - Leadtrend Technology LD6801GL Datasheet HTML 9Page - Leadtrend Technology LD6801GL Datasheet HTML 10Page - Leadtrend Technology LD6801GL Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LD6801
07/28/2015
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6801-DS-00 July 2016
Fig. 11
VIN Zener Clamp and RIN Selection
The LD6801 support wide range LED
light bar
application that integrated Zener diode which is about
2mA sink current and VUV_ON is to 16V. So the value of
RIN that is connected between VLED and VIN of LD6801,
we can be calculated as below:
(VLED_MIN –VUV_ON) / 0.5mA > RIN
And
RIN > (VLED_MAX – VIN_CLAMP) / 2mA
Where VLED is a terminal voltage of LED light bar
Internal Thermal protection
Thermal protection limits total power dissipation in this
device. When the junction temperature reaches 130
C
approximately, The LD6801 would be turn off the
MOSFET
until the IC’s junction temperature cools down
approximately 30°C.
PCB Design Guideline
1.
The bypass capacitor of VIN should be placed as
close as possible to the VIN and GND pin of IC.
2.
LD6801 should be placed near to the external
MOSFET
3.
To consider temperature requirement, we need
add PCB pad or heat sink be to fit system spec.
4.
The area of LED current loop should be as small
as possible
Over
Voltage
40uA
IOVP
OVP
ROVP
VOUT
4V
ILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com