Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD6801GL Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD6801GL
Description  LED Lighting Output Current Ripple Suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6801GL Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD6801GL Datasheet HTML 3Page - Leadtrend Technology LD6801GL Datasheet HTML 4Page - Leadtrend Technology LD6801GL Datasheet HTML 5Page - Leadtrend Technology LD6801GL Datasheet HTML 6Page - Leadtrend Technology LD6801GL Datasheet HTML 7Page - Leadtrend Technology LD6801GL Datasheet HTML 8Page - Leadtrend Technology LD6801GL Datasheet HTML 9Page - Leadtrend Technology LD6801GL Datasheet HTML 10Page - Leadtrend Technology LD6801GL Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LD6801
07/28/2015
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6801-DS-00 July 2016
Fig. 7
VLED=36V,ILED=1000mA,With LD6801
ILED_AC
Vout
Fig. 8
Power On @ 90VAC,With LD6801
ILED
VAC
Fig. 9
LED Open Protection
ILED
Vout
VREF
Fig. 10
LED Short Protection
ILED
Vout
VCC_PS
VGATE_PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com