Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY37032P44-125JC Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 41Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 42Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 43Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 44Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 45Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 46Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 47Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 48Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 45 of 64
128
167
CY37128P84-167JC
J83
84-Lead Plastic Leaded Chip Carrier
Commercial
CY37128P84-167JXC
J83
84-Lead Lead Free Plastic Leaded Chip
Carrier
CY37128P100-167AC
A100
100-Lead Thin Quad Flat Pack
CY37128P100-167AXC
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128P160-167AC
A160
160-Lead Thin Quad Flat Pack
CY37128P160-167AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
125
CY37128P84-125JC
J83
84-Lead Plastic Leaded Chip Carrier
Commercial
CY37128P84-125JXC
J83
84-Lead Lead Free Plastic Leaded Chip
Carrier
CY37128P100-125AC
A100
100-Lead Thin Quad Flat Pack
CY37128P100-125AXC
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128P160-125AC
A160
160-Lead Thin Quad Flat Pack
CY37128P160-125AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37128P84-125JI
J83
84-Lead Plastic Leaded Chip Carrier
Industrial
CY37128P84-125JXI
J83
84-Lead Lead Free Plastic Leaded Chip
Carrier
CY37128P100-125AI
A100
100-Lead Thin Quad Flat Pack
CY37128P100-125AXI
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128P160-125AI
A160
160-Lead Thin Quad Flat Pack
CY37128P160-125AXI
A160
160-Lead Lead Free Thin Quad Flat Pack
5962-9952102QYA
Y84
84-Lead Ceramic Leaded Chip Carrier
Military
100
CY37128P84-100JC
J83
84-Lead Plastic Leaded Chip Carrier
Commercial
CY37128P84-100JXC
J83
84-Lead Lead Free Plastic Leaded Chip
Carrier
CY37128P100-100AC
A100
100-Lead Thin Quad Flat Pack
CY37128P100-100AXC
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128P160-100AC
A160
160-Lead Thin Quad Flat Pack
CY37128P160-100AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37128P84-100JI
J83
84-Lead Plastic Leaded Chip Carrier
Industrial
CY37128P100-100AI
A100
100-Lead Thin Quad Flat Pack
CY37128P100-100AXI
A100
100-Lead Lead Free Thin Quad Flat Pack
CY37128P160-100AI
A160
160-Lead Thin Quad Flat Pack
5962-9952101QYA
Y84
84-Lead Ceramic Leaded Chip Carrier
Military
192
154
CY37192P160-154AC
A160
160-Lead Thin Quad Flat Pack
Commercial
CY37192P160-154AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
125
CY37192P160-125AC
A160
160-Lead Thin Quad Flat Pack
Commercial
CY37192P160-125AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37192P160-125AI
A160
160-Lead Thin Quad Flat Pack
Industrial
CY37192P160-125AXI
A160
160-Lead Lead Free Thin Quad Flat Pack
83
CY37192P160-83AC
A160
160-Lead Thin Quad Flat Pack
Commercial
CY37192P160-83AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37192P160-83AI
A160
160-Lead Thin Quad Flat Pack
Industrial
CY37192P160-83AXI
A160
160-Lead Lead Free Thin Quad Flat Pack
5.0V Ordering Information (continued)
Macro-
cells
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com