Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY37032P44-125JC Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 27Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 28Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 29Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 30Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 31Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 32Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 33Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 34Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 31 of 64
CY37512V
Typical 3.3V Power Consumption (continued)
0
50
10 0
15 0
20 0
25 0
0
1 0
2 03 0
4 05 0
6 07 0
8 09 0
F r e que nc y ( M H z )
Low P o w e r
H ig h S peed
The typical pattern is a 16-bit up counter, per logic block, with outputs disabled.
VCC = 3.3V, TA = Room Temperature
Pin Configurations[20]
44-pin TQFP (A44)
Top View
I/O27/TDI
I/O26
I/O25
I/O24
CLK1/I4
GND
I3
CLK3/I2
I/O23
I/O22
I/O21
I/O5/TCK
I/O6
I/O7
CLK2/I0
GND
CLK0/I1
I/O8
I/O9
I/O10
I/O11
8
9
7
10
11
3
4
2
5
6
1
18 19 20
22
21
13 14 15
17
16
12
31
30
29
32
33
26
25
24
27
28
23
44 43 42
40
41
39 38 37
35
36
34
JTAGEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com