Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC256
Description  I2C CMOS Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC256 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
24LC256
256K I
2CTM CMOS Serial EEPROM
www.artschip.com
3
TABLE 1-3 AC CHARACTERISTICS
All parameters apply across the
specified
operating
ranges
unless otherwise noted.
Industrial (I): Vcc=+1.8V to 5.5V
Tamb = -40℃ to +85℃
Automotive (E): Vcc=+4.5V to 5.5V Tamb=-40℃ to 125℃
Parameter
Symbol
Min
Max
Units
Conditions
Clock frequency
FCLIK
-
-
-
100
100
400
kHz
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
Clock high time
THIGH
4000
4000
600
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
Clock low time
TLOW
4700
4700
1300
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
SDA and SCL rise time
(Note 1)
TR
-
-
-
1000
1000
300
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
SDA and SCL fall Time
TF
-
300
ns
(Note 1)
START condition hold time
THD:STA
4000
4000
600
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
START condition setup time
THD:STA
4700
4700
600
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
Data input hold time
THD:DAT
0
-
ns
(Note 2)
Data input setup time
TSU:DAT
250
250
100
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
STOP condition setup time
THD:STO
4000
4000
600
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
WP setup time
TSU:WP
4000
4000
600
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
WP hold time
THD:WP
4700
4700
1300
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
Output valid from clock
(Note 2)
TAA
-
-
-
3500
3500
900
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
Bus free time: Time the bus
must be free before a new
transmission can start
TBUF
4700
4700
1300
-
-
-
ns
4.5V≤Vcc≤5.5V (E Temp range)
1.8V≤Vcc≤2.5V
2.5V≤Vcc≤5.5V
Output fall time from VIH
Minimum to VIL maximum
TOF
10
250
ns
CB≤100pF (Note 1)
Input filter spike suppression
(SDA and SCL pins)
TSP
-
50
ns
(Notes 1 and 3)
Write cycle time (byte or page)
TWC
-
5
ms
Endurance
100,000
-
cycles
25℃, Vcc=5.0V, Block Mode (Note 4)
Note 1: Not 100% tested. CB=total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns)
of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3. The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved noise spike
suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific application, please
consult the Total Endurance Model Which can be obtained on artschip’s website.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com