Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC256
Description  I2C CMOS Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC256 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
24LC256
256K I
2CTM CMOS Serial EEPROM
www.artschip.com
2
1.0 ELECTRICAL CHARACTERISTICS
1.1 Maximum Ratings*
Vcc……………………………………………………7.0V
All inputs and outputs w.r.t. Vss………-0.6V to Vcc +1.0V
Storage temperature ………………….-65℃ to +150℃
Ambient temp. with power applied……-65℃ to +125℃
Soldering temperature of leads (10 seconds)……+300℃
ESD protection on all pins……………………….. ≥4kV
*Notice:
Stresses above those listed under “maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for external periods
may affect device reliability.
TABLE 1-1 PIN FUNCTION TABLE
Name
Function
A0,A1,A2
VSS
SDA
SCL
WP
Vcc
User Configurable Chip Selects
Ground
Serial Data
Serial Clock
Write Protect input
+1.8 to 5.5 (24AA256)
+1.8 to 5.5V (24LC256)
TABLE 1-2
DC CHARACTERISTICS
All parameters apply across the
specified operating ranges unless
otherwise noted.
Industrial (I): Vcc=+1.8V to 5.5V
Tamb = -40℃ to +85℃
Automotive (E): Vcc=+4.5V to 5.5V Tamb=-40℃ to 125℃
Parameter
Symbol
Min
Max
Units
Conditions
A0,A1,A2,
SCL, SDA, and WP pins:
High level input voltage
Low level input voltage
Hysteresis of Schmitt Trigger
Inputs (SDA, SCL pins)
Low level output voltage
VIH
VIL
YHYS
VOL
0.7Vcc
-
0.05 Vcc
-
-
0.3Vcc
0.2Vcc
-
0.40
V
V
V
V
V
Vcc ≥2.5V
Vcc <2.5V
Vcc ≥2.5V (Note)
IOL=3.0mA @ Vcc=4.5V
IOL=2.1mA @ Vcc=2.5V
Input leakage current
ILI
-10
10
µA
VIN = Vss or Vcc, WP=Vss
VIN=Vss or Vcc, WP=Vcc
Output leakage current
ILO
-10
10
µA
VOUT=Vss or Vcc
Pin capacitance
(all inputs/outputs)
CIN, COUT
-
10
pF
Vcc=5.0V (Note)
Tamb=25℃, fc=1MHz
Icc Write
-
3
mA
Vcc=5.5V
Operating Current
Icc Read
-
400
µA
Vcc=5.5V, SCL=400kHz
Standby current
Iccs
-
1
µA
SCL=SDA=Vcc=5.5V
A0,A1,A2,WP=Vss
Note:
This parameter is periodically sampled and not 100% tested..
FIGURE 1-1: BUS TIMING DATA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com