Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC256
Description  I2C CMOS Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC256 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
24LC256
256K I
2CTM CMOS Serial EEPROM
www.artschip.com
5
FIGURE 4-2: ACKNOWLEDGE TIMING
5.0 DEVICE ADDRESSING
A control byte is the first byte received following the start condition from the master device (Figure 5-1). The control byte consists
of a 4-bit control code; for the 24xx256 this is set as 1010 binary for read and write operations. The next three bits of the control
byte are the chip select bits (A2, A1, A0). The chip select bits allows the use of up to select which device is accessed. The chip
select bits in the control byte must correspond to the logic levels on the corresponding A2, A1, and A0 pins for the device to
respond. These bits are in effect the three most significant bits of the word address.
The last bit of the control byte defines the operation to be performed. When set to a one a read operation is selected, and when
set to a zero a write operation is selected. The next two bytes received define the address of the first data byte (Figure 5-2).
Because only A14…A0 are used, the upper address bit is a don’t care bit. The upper address bits are transferred first, followed by
the less significant bits.
Following the start condition, the 24xx256 monitors the SDA bus checking the control byte being transmitted. Upon receiving a
1010 code and appropriate device select bits, the salve device outputs and acknowledge signal on the SDA line. Depending on
the state of the
bit, the 24xx256 will select a read or write operation.
FIGURE 5-1: CONTROL BYTE FORMAT
5.1 Contiguous Addressing Across Multiple Devices
The chip select bits A2, A1,A0 can be used to expand the contiguous address space for up to 2 Mbit by adding up to eight
24xx256’s on the same bus. In this case, software can use A0 of the control byte as address bit A15; A1, as address bit A16; and
A2, as address bit A17. It is not possible to read or write across device boundaries.
FIGURE 5-2: ADDRESS SEQUENCE BIT ASSIGNMENTS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com