Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC256
Description  I2C CMOS Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC256 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
24LC256
256K I
2CTM CMOS Serial EEPROM
www.artschip.com
1
DEVICE SELECTION TABLE
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA256
1.8-5.5V
400kHz†
I
24LC256
1.8-5.5V
400kHz
I,E
† 100kHz for Vcc < 2.5V.
100kHz for E temperature range.
FEATURES
Low power CMOS technology
-Maximum write current 3mA at 5.5V
-Maximum read current 400µA at 5.5V
-Standby current 100nA typical at 5.5V
2-wire serial interface bus, I
2C compatible
Cascadable for up to eight devices
Self-timed ERASE/WRITE cycle
64-byte page-write mode available
5 ms max write-cycle time
Hardware write protect for entire array
Schmitt trigger inputs for noise suppression
100,000 erase/write cycles guaranteed
Electrostatic discharge protection > 4000V
Data retention > 200 years
8-pin PDIP and SOIC (208 mil) packages
Temperature ranges:
-Industrial (I): -40℃ to +85℃
-Automotive (E): -40℃ to +125℃
DESCRIPTION
The Artschip technology Inc. 24AA256/24LC256 (24xx256*) is
a 32K x 8 (256k bit) Serial Electrically Erasable PROM,
capable of operation across a broad voltage range (1.8V to
5.5V). it has been developed for advanced, low power
applications such as personal communications or data
acquisition. This device also has a page-write capability of up
to 64 bytes of data. This device is capable of both random and
sequential reads up to the 256k boundary. Functional address
lines allow up to eight devices on the same bus, for up to 2
Mbit address space. This device is available in the standard
8-pin plastic DIP, and 8-pin SOIC (208 mil) packages.
PACKAGE TYPE
PDIP
SOIC
BLOCK DIAGRAM


Similar Part No. - 24LC256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC256 MICROCHIP-24LC256 Datasheet
181Kb / 12P
256K I 2 C CMOS Serial EEPROM
1998
24LC256 MICROCHIP-24LC256 Datasheet
481Kb / 26P
256K I2C CMOS Serial EEPROM
2005
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24LC256 MICROCHIP-24LC256 Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256 MICROCHIP-24LC256 Datasheet
1Mb / 42P
256K IC CMOS Serial EEPROM
11/29/12
More results

Similar Description - 24LC256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
128K I2C CMOS Serial EEPROM
2004
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
128K I2C CMOS Serial EEPROM
2007
24AA512 MICROCHIP-24AA512_08 Datasheet
419Kb / 28P
512K I2C??CMOS Serial EEPROM
2008
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
128K I2C CMOS Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com