Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256 Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 24LC256
Description  I2C CMOS Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

24LC256 Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  24LC256 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. 24LC256 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
24LC256
256K I
2CTM CMOS Serial EEPROM
www.artschip.com
8
8.2 Random Read
Random read operations allow the master to access any memory location in a random manner. To perform this type of read
operation, first the word address must be set. This is done by sending the word address to the 24xx256 as part of a write
operation (
bit set to 0). After the word address is sent, the master generates a start condition following the acknowledge.
This terminates the write operation, but not before the internal address pointer is set. Then, the master issues the control byte
again but with the
bit set to a one. The 24xx256 will then issue an acknowledge and transmit the 8-bit data word. The
master will not acknowledge the transfer but does generate a stop condition which causes the 24xx256 to discontinue
transmission (Figure 8-2). After a random read command, the internal address counter will point to the address location following
the one that was just read.
8.3 Sequential Read
Sequential reads are initiated in the same way was a random read except that after the 24xx256 transmits the first data byte, the
master issues an acknowledge as opposed to the stop condition used in a random read. This acknowledge directs the 24xx256 to
transmit the next sequentially addressed 8-bit word (Figure 8-3). Following the final byte transmitted to the master, the master will
NOT generate an acknowledge but will generate a stop condition. To provide sequential reads, the 24xx256 contains an internal
address pointer which is incremented by one at the completion of each operation. This address pointer allows the entire memory
contents to be serially read during one operation. The internal address pointer will automatically roll over from address 7FFF to
address 0000 if the master acknowledges the byte received from the array address 7FFF.
FIGURE 8-2: RANDOM READ
FIGURE 8-3: SEQUENTIAL READ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com