Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA020 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 9
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Figure 1: Global memory map of BMA020
Important notes:
1) Bits 5, 6 and 7 of register addresses 14h do contain critical sensor individual calibration data
which must not be changed or deleted by any means.
In order to properly modify addresses 14h for range and/or bandwidth selection using bits 0, 1,
2, 3 and 4, it is highly recommended to read-out the complete byte, perform bit-slicing and write
back the complete byte with unchanged bits 5, 6 and 7.
Otherwise the reported acceleration data may show incorrect results.
2) Bit 7, bit 5 and bit 4 of register 0Ah should be left at a value of “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com