Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA020 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 13
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.2 Interrupt settings
Five different types of interrupts can be programmed. When the corresponding criterion
becomes valid, the interrupt pin is triggered to a high level. All interrupt criteria are combined
and drive the interrupt pad with a Boolean <OR> condition.
Interrupt generations may be disturbed by changes of control bits because some of these bits
influence the interrupt calculation. As a consequence, no write sequence should occur when
microprocessor is triggered by interrupt or the interrupt should be deactivated on the
microprocessor side when write sequences are operated.
Interrupt criteria are using digital code coming from digital filter output. As a consequence all
thresholds are scaled with range selection (section 3.1.3.2). Timings used for high acceleration
and low acceleration debouncing are absolute values (1 LSB of HG_dur and LG_dur registers
corresponds to 1 millisecond, timing accuracy is proportional to oscillator accuracy = +/-10%),
thus it does not depend on selected bandwidth. Timings used for any motion interrupt and alert
detection are proportional to bandwidth settings (section 3.1.3).
3.2.1 Enable_LG
This bit (address 0Bh, bit 0) enables the LG_thres criteria to generate an interrupt.
3.2.2 Enable_HG
This bit (address 0Bh, bit 1) enables the HG_thres criteria to generate an interrupt.
3.2.3 Enable_adv_INT
This bit (address 15h, bit 6) is used to disable advanced interrupt control bits (any_motion,
alert). If enable_adv_INT=0, writing to these bits has no effect on sensor IC function.
3.2.4 Any_motion
This bit ((address 0Bh, bit 6)enables the any motion criteria to generate directly an interrupt. It
can not be turned on simultaneously with alert. This bit can be masked by enable_ adv_INT, the
value of this bit is ignored when enable_adv_INT=0 (section 3.2.3).
3.2.5 Alert
If this bit (address 0Bh, bit 7) is at 1, the any_motion criterion will set BMA020 into alert mode
(section 3.2.9). This bit can be masked by enable_adv_INT, the value of this bit is ignored when
enable_adv_INT=0 (section 3.2.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com