Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA020 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 21
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.5 Data registers
3.5.1 Acc_x, acc_y, acc_z
Acceleration values are stored in the following registers to be read out through serial interface.
acc_x (02h, 7-6; 03h, 7-0)
acc_y (04h, 7-6; 05h, 7-0)
acc_z (06h, 7-6; 07h, 7-0)
The description of the digital signals acc_x, acc_y and acc_z is “2’s complement”.
From negative to positive accelerations, the following sequence for the
±2g measurement range
can be observed (
±4g and ±8g correspondingly):
-2.000g
:
10 0000 0000
-1.996g
:
10 0000 0001
...
-0.004g
:
11 1111 1111
0.000g
:00 0000 0000
+0.004g
:
00 0000 0001
...
+1.992g
:
01 1111 1110
+1.996g
:
01 1111 1111
Data is periodically updated (rate 3kHz) with values from the digital filter output. LSB
acceleration bytes must be read first. After an acceleration LSB byte read access, the
corresponding MSB byte update can optionally be blocked until it is also accessed for read.
Thus, MSB / LSB mix from different samples can be avoided (section 3.1.6).
It is not possible to read-out only MSB bytes if shadow_dis=0, an LSB byte must first be read
out. To be able to read out only MSB byte, shadow_dis must be written to 1.
new_data_* flags on bits 0 of acc_x (LSB), acc_y (LSB) and acc_z (LSB) can be used to detect
if acceleration values have already been read out (section 3.5.3).
If systematic acceleration values read out is planned (for signal processing by the
microcontroller), the interrupt pad can be programmed to flag the new data (section 3.2.10).
Every time all three axes values have been updated, the interrupt goes high and microcontroller
can read out data. With this method, microcontroller accesses are synchronized with internal
sensor IC updates.
Synchronization of read-out sequence has several advantages:
− it enables a constant phase shift between acceleration conversion and its corresponding
digital value read by microprocessor
− it reduces interface communication by avoiding over-sampling.
− potential noise due to serial interface activity perturbation would always be generated
during a less critical phase of the conversion cycle. The maximum delay advised to start
read out acceleration data is 20µs after INT high (window 0-80µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com