Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA020 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 41Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 43Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 44Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 45Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 46Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 47Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 44
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
output can be generated and trigger the system master. The wake-up mode is used for ultra-low
power applications where inertial factors can be an indicator to change the activity mode of the
system.
The following table shows values calculated for the average current consumption during the
wake-up mode of the BMA020. The power consumption in wake-up mode is dependent on the
duration of the interrupt algorithm (number of data acquisitions) and the bandwidth (for more
details on setting of the bandwidth please refer to chapter 3.1.3).
Table 13: Average current consumption in self wake-up mode using high-g or low-g interrupt
Current consumption during BMA020 wake-up mode [µA]
(depending on bandwidth, calculated using typical values)
Pause [ms]
(@ 1,500Hz)
(@ 750Hz)
(@375Hz)
(@190Hz)
(@100Hz)
(@50Hz)
(@25Hz)
20
16.3
21,8
31.8
48.4
71.6
102.9
134.7
80
5.1
6.6
9.7
15.4
25.0
42.3
68.4
360
1.9
2.3
3.0
4.4
6.9
12.0
21.3
2,560
1.1
1.2
1.3
1.5
1.9
2.6
4.1
Durations of the pause values can vary for about ±30% due to the accuracy of the ultra-low-
power oscillator implemented within the sensor.
For estimating the typical current consumption in wake-up mode the following formula can be
applied:
i_self_wake_up = (i_DD · t_active + i_DDsbm · wake-up-pause) / (t_active + wake-up-pause)
With the approximation:
t_active = 1ms + 0.333ms · (4
⋅ 750 / bandwidth) + 0.333ms · (1500 / bandwidth) · n
With the following parameters:
i_DD
Current in normal mode
i_DDsm
Current in sleep mode
wake_up_pause
Setting of wake-up pause
n
number of data points in any-motion logic
(n=0 for high-g threshold and low-g threshold interrupt,
n=3 for any-motion logic)
Bandwidth
Setting of bandwidth (750-25 Hz),
for 1500Hz t_active = 1ms + 0.333ms · (1500/bandwidth) · n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com