Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA020 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMA020
Description  Digital, triaxial acceleration sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA020 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMA020 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 38Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 39Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 40Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 41Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 42Page - Bosch Sensortec GmbH BMA020 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Data sheet
BMA020
Digital, triaxial acceleration sensor
Bosch Sensortec
Rev. 1.2
Page 39
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.4 Moisture sensitivity level and soldering
The moisture sensitivity level (MSL) of the BMA020 sensor IC corresponds to JEDEC Level 1,
see also
-
IPC/JEDEC
J-STD-020C
"Joint
Industry
Standard:
Moisture/Reflow
Sensitivity
Classification for Non-hermetic Solid State Surface Mount Devices"
-
IPC/JEDEC J-STD-033A "Joint Industry Standard: Handling, Packing, Shipping and Use of
Moisture/Reflow Sensitive Surface Mount Devices".
The sensor IC fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC
standard, i.e. reflow soldering with a peak temperature up to 260°C.
5.5 RoHS compliancy
The BMA020 sensor IC meets the requirements of the EC restriction of hazardous substances
(RoHS) directive, see also
"Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment".
5.6 Note on internal package structure
Within the scope of Bosch Sensortec’s ambition to improve its products and secure the product
supply while in mass production, Bosch Sensortec qualifies additional sources for the LGA
package of the BMA020.
While Bosch Sensortec took care that all of the technical package parameters as described
above are 100% identical for both sources, there can be differences in the chemical analysis
and internal structural between the different package sources.
However, as secured by the extensive product qualification processes of Bosch Sensortec, this
has no impact to the usage or to the quality of the BMA020 product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com