Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 44 Page - Texas Instruments

Part # SM320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320VC33 Datasheet(HTML) 44 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 40Page - Texas Instruments SM320VC33 Datasheet HTML 41Page - Texas Instruments SM320VC33 Datasheet HTML 42Page - Texas Instruments SM320VC33 Datasheet HTML 43Page - Texas Instruments SM320VC33 Datasheet HTML 44Page - Texas Instruments SM320VC33 Datasheet HTML 45Page - Texas Instruments SM320VC33 Datasheet HTML 46Page - Texas Instruments SM320VC33 Datasheet HTML 47Page - Texas Instruments SM320VC33 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
SM320VC33, SMJ320VC33
DIGITAL SIGNAL PROCESSOR
SGUS034E - FEBRUARY 2001 - REVISED OCTOBER 2002
44
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251-1443
data-rate timing modes
Unless otherwise indicated, the data-rate timings shown in Figure 30 and Figure 31 are valid for all serial-port
modes, including handshake. For a functional description of serial-port operation, see the TMS320C3x User’s
Guide (literature number SPRU031).
The serial-port timing parameters are defined in the preceding “serial-port timing parameters” tables. The
numbers shown in Figure 30 and Figure 31 correspond with those in the NO. column of each table.
FSX(EXT)
FSX(INT)
FSR
DR
DX
CLKX/R
H1
Bit 0
Bit n-1
Bit n-2
Bit n-1
Bit n-2
td(H1H-SCK)
td(H1H-SCK)
tc(SCK)
tw(SCK)
tw(SCK)
tr(SCK)
tf(SCK)
td(CLKX- DX)
tsu(DR- CLKRL)
th(CLKRL- DR)
td(CLKX- FSX)
tsu(FSR- CLKRL)
td(CLKX- FSX)
th(SCKL- FS)
th(SCKL- FS)
tsu(FSX- CLKX)
td(CLKX- DX)V
tdis(CLKX- DXZ)
NOTES: A. Timing diagrams show operations with CLKXP = CLKRP = FSXP = FSRP = 0.
B. Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively.
Figure 30. Fixed Data-Rate Mode Timing
CLKX/R
FSX(INT)
FSX(EXT)
DX
FSR
DR
Bit 0
Bit n-2
Bit n-3
Bit n-2
Bit n-3
Bit n-1
Bit n-1
td(CLKX- FSX)
td(FSX- DX)V
tsu(FSX- CLKX)
tsu(DR- CLKRL)
td(CLKX- DX)
th(CLKRL-DR)
th(SCKL-FS)
tsu(FSR-CLKRL)
td(CLKX-DX)V
tdis(CLKX-DXZ)
NOTES: A. Timing diagrams show operation with CLKXP = CLKRP = FSXP = FSRP = 0.
B. Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively.
C. The timings that are not specified expressly for the variable data-rate mode are the same as those that are specified for the fixed
data-rate mode.
Figure 31. Variable Data-Rate Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com