Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 22 Page - Texas Instruments

Part # SM320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320VC33 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 18Page - Texas Instruments SM320VC33 Datasheet HTML 19Page - Texas Instruments SM320VC33 Datasheet HTML 20Page - Texas Instruments SM320VC33 Datasheet HTML 21Page - Texas Instruments SM320VC33 Datasheet HTML 22Page - Texas Instruments SM320VC33 Datasheet HTML 23Page - Texas Instruments SM320VC33 Datasheet HTML 24Page - Texas Instruments SM320VC33 Datasheet HTML 25Page - Texas Instruments SM320VC33 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
SM320VC33, SMJ320VC33
DIGITAL SIGNAL PROCESSOR
SGUS034E - FEBRUARY 2001 - REVISED OCTOBER 2002
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251-1443
device and development support tool nomenclature (continued)
PREFIX
SMJ
320
VC 33 GNM
SMX = experimental device
TMP = prototype device
TMS = qualified device
SMJ = MIL-PRF-38535 (QML)
SMQ= QML Plastic device
SM = Commericial processing
DEVICE FAMILY
320 = TMS320 Family
TECHNOLOGY
TEMPERATURE RANGE
M = Military
C = CMOS
E = CMOS EPROM
F = CMOS Flash EEPROM
LC = Low-Voltage CMOS (3.3 V)
VC = Low-Voltage CMOS [3 V (2.5 V
or 1.8 V core)]
UC= Ultra Low-Voltage CMOS [1.8 V
(1.5 V core)]
DEVICE
3x DSP:
30
31
32
33
4x DSP:
40
44
6x DSP:
6201 6201
6701 6211
† QFP = Quad Flat Package
LQFP = Low-Profile Quad Flat Package
BGA = Ball Grid Array
PACKAGE TYPE†
HFG = 164-pin ceramic QFP
GNL = 144-pin ceramic BGA, hermetic
GNM = 144-pin ceramic BGA, non-hermetic
M
SPEED
150 = 150 MFLOPS
150
Figure 13. TMS320
 DSP Device Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com