Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33 Datasheet(PDF) 23 Page - Texas Instruments

Part # SM320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320VC33 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SM320VC33 Datasheet HTML 19Page - Texas Instruments SM320VC33 Datasheet HTML 20Page - Texas Instruments SM320VC33 Datasheet HTML 21Page - Texas Instruments SM320VC33 Datasheet HTML 22Page - Texas Instruments SM320VC33 Datasheet HTML 23Page - Texas Instruments SM320VC33 Datasheet HTML 24Page - Texas Instruments SM320VC33 Datasheet HTML 25Page - Texas Instruments SM320VC33 Datasheet HTML 26Page - Texas Instruments SM320VC33 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
SM320VC33, SMJ320VC33
DIGITAL SIGNAL PROCESSOR
SGUS034E - FEBRUARY 2001 - REVISED OCTOBER 2002
23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251-1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, DVDD‡
- 0.3 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, CVDD‡
- 0.3 V to 2.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI§
-1 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
- 0.3 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation (worst case)
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
-55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
- 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
§ Absolute dc input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of < 2 ns,
< 10 mA, and < 1 V amplitude is permissable.
Actual operating power is much lower. This value was obtained under specially produced worst-case test conditions for the SM/SMJ320VC33,
which are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern to the
external data and address buses at the maximum possible rate with a capacitive load of 30 pF. See normal (ICC) current specification in the
electrical characteristics table and also read TMS320C3x General-Purpose Applications (literature number SPRU194).
recommended operating conditions‡#||
MIN
NOM
MAX
UNIT
CVDD
Supply voltage for the core CPUk
1.71
1.8
1.89
V
DVDD
Supply voltage for the I/O pins
h
3.14
3.3
3.46
V
VSS
Supply ground
0
V
VIH
High-level input voltage
0.7 x DVDD
DVDD + 0.3§
V
VIL
Low-level input voltage
-0.3 §
0.3 x DVDD
V
IOH
High-level output current
4
mA
IOL
Low-level output current
4
mA
TC
Operating case temperature
-55
125
°C
CL
Capacitive load per output pin
30
pF
‡ All voltage values are with respect to VSS.
§ Absolute dc input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of < 2 ns, < 10 mA,
and < 1 V amplitude is permissable.
# All inputs and I/O pins are configured as inputs.
|| All input and I/O pins use a Schmidt hysteresis inputs except SHZ and D0-D31. Hysteresis is approximately 10% of DVDD and is centered at
0.5 x DVDD.
kCVDD should not exceed DVDD by more than 0.7 V. (Use a Schottky clamp diode between these supplies.)
hDVDD should not exceed CVDD by more than 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com