Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB128M8GP-EKB Datasheet(PDF) 62 Page - Nanya Technology Corporation.

Part # NT5CB128M8GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M8GP-EKB Datasheet(HTML) 62 Page - Nanya Technology Corporation.

Back Button NT5CB128M8GP-EKB Datasheet HTML 58Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 59Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 60Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 61Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 62Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 63Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 64Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 65Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 66Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 160 page
background image
Version 2.2
62
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Pulled-in Refresh Commands (Example)
Self-Refresh Operation
The Self-Refresh command can be used to retain data in the DDR3(L) SDRAM, even if the rest of the system is powered
down. When in the Self-Refresh mode, the DDR3(L) SDRAM retains data without external clocking. The DDR3(L) SDRAM
device has a built-in timer to accommodate Self-Refresh operation. The Self-Refresh Entry (SRE) Command is defined by
having
, RA, A, and E held low with WE high at the rising edge of the clock.
Before issuing the Self-Refreshing-Entry command, the DDR3(L) SDRAM must be idle with all bank precharge state with
tRP satisfied. Also, on-die termination must be turned off before issuing Self-Refresh-Entry command, by either registering
ODT pin low “ODTL + 0.5tCK” prior to the Self-Refresh Entry command or using MRS to MR1 command. Once the
Self-Refresh Entry command is registered, CKE must be held low to keep the device in Self-Refresh mode. During normal
operation (DLL on), MR1 (A0=0), the DLL is automatically disabled upon entering Self-Refresh and is automatically
enabled (including a DLL-RESET) upon exiting Self-Refresh.
When the DDR3(L) SDRAM has entered Self-Refresh mode, all of the external control signals, except CKE and
REET,
are “don’t care”. For proper Self-Refresh operation, all power supply and reference pins (VDD, VDDQ, VSS, VSSQ,
VRefCA, and VRefDQ) must be at valid levels. The DRAM initiates a minimum of one Refresh command internally within
tCKE period once it enters Self-Refresh mode.
The clock is interna during Self-Refresh operation to save power. The minimum time that the DDR3(L) SDRAM must
remain in Self-Refresh mode is tCKESR. The user may change the external clock frequency or halt the external clock
tCKSRE after Self-Refresh entry is registered; however, the clock must be restarted and stable tCKSRX before the device
can exit Self-Refresh mode.
The procedure for exiting Self-Refresh requires a sequence of events. First, the clock must be stable prior to CKE going
back HIGH. Once a Self-Refresh Exit Command (SRX, combination of CKE going high and either NOP or Deselect on
command bus) is registered, a delay of at least tXS must be satisfied before a valid command not requiring a locked DLL
can be issued to the device to allow for any internal refresh in progress. Before a command which requires a locked DLL
can be applied, a delay of at least tXSDLL and applicable ZQCAL function requirements must be satisfied.
9 x tREFI
tREFI
t
tRFC
8 REF-Commands pulled-in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com