Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB128M8GP-EKB Datasheet(PDF) 157 Page - Nanya Technology Corporation.

Part # NT5CB128M8GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M8GP-EKB Datasheet(HTML) 157 Page - Nanya Technology Corporation.

Back Button NT5CB128M8GP-EKB Datasheet HTML 152Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 153Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 154Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 155Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 156Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 157Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 158Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 159Page - Nanya Technology Corporation. NT5CB128M8GP-EKB Datasheet HTML 160Page - Nanya Technology Corporation.  
Zoom Inzoom in Zoom Outzoom out
 157 / 160 page
background image
Version 2.2
157
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Derating values DDR3- 1866/2133 tDS/tDH - AC/DC based AC135 Threshold
DDR3
Alternate AC135 Threshold -> VIH(ac)=VREF(dc)+135mV, VIL(ac)=VREF(dc)-135mV
Alternate DC100 Threshold -> VIH(dc)=VREF(dc)+100mV, VIL(dc)=VREF(dc)-100mV
DQS,
 Differential Slew Rate
8.0 V/ns
7.0 V/ns
6.0 V/ns
5.0 V/ns
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH
DQ
Slew
rate
V/ns
4
34
25
34
25
34
25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3.5
29
21
29
21
29
21
29
21
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3
23
17
23
17
23
17
23
17
23
17
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2.5
-
-
14
10
14
10
14
10
14
10
14
10
-
-
-
-
-
-
-
-
-
-
-
-
2
-
-
-
-
0
0
0
0
0
0
0
0
0
0
-
-
-
-
-
-
-
-
-
-
1.5
-
-
-
-
-
-
-23
-17
-23
-17
-23
-17
-23
-17
-15
-9
-
-
-
-
-
-
-
-
1
-
-
-
-
-
-
-
-
-68
-50
-68
-50
-68
-50
-60
-42
-52
-34
-
-
-
-
-
-
0.9
-
-
-
-
-
-
-
-
-
-
-66
-54
-66
-54
-58
-46
-50
-38
-42
-30
-
-
-
-
0.8
-
-
-
-
-
-
-
-
-
-
-
-
-64
-60
-56
-52
-48
-44
-40
-36
-32
-26
-
-
0.7
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-53
-59
-45
-51
-37
-43
-29
-33
-21
-17
0.6
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-43
-61
-35
-53
-27
-43
-19
-27
0.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-39
-66
-31
-56
-23
-40
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-38
-76
-30
-60
NOTE1: Cell contents shaded in gray
are defined as ‘not supported’.
Derating values DDR3- 800/1066/1333/1600 tDS/tDH - AC/DC based AC135 Threshold
DDR3
Alternate AC135 Threshold -> VIH(ac)=VREF(dc)+135mV, VIL(ac)=VREF(dc)-135mV
Alternate DC100 Threshold -> VIH(dc)=VREF(dc)+100mV, VIL(dc)=VREF(dc)-100mV
DQS,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH △tDS △tDH
DQ
Slew rate
V/ns
2
68
50
68
50
68
50
-
-
-
-
-
-
-
-
-
-
1.5
45
34
45
34
45
34
53
42
-
-
-
-
-
-
-
-
1
0
0
0
0
0
0
8
8
16
16
-
-
-
-
-
-
0.9
-
-
2
-4
2
-4
10
4
18
12
26
20
-
-
-
-
0.8
-
-
-
-
3
-10
11
-2
19
6
27
14
35
24
-
-
0.7
-
-
-
-
-
-
14
-8
22
0
30
8
38
18
46
34
0.6
-
-
-
-
-
-
-
-
25
-10
33
-2
41
8
49
24
0.5
-
-
-
-
-
-
-
-
-
-
29
-16
37
-6
45
10
0.4
-
-
-
-
-
-
-
-
-
-
-
-
30
-26
38
-10
NOTE1: Cell contents shaded in gray
are defined as ‘not supported’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com