Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBA01B Datasheet(PDF) 16 Page - Generalplus Technology Inc.

Part # GPBA01B
Description  Bus Extender
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA01B Datasheet(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPBA01B Datasheet HTML 12Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 13Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 14Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 15Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 16Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 17Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 18Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 19Page - Generalplus Technology Inc. GPBA01B Datasheet HTML 20Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
GPBA01B
© Generalplus Technology Inc.
Proprietary & Confidential
16
MAY 28, 2007
Version: 1.1
10.3. AC Characteristics (VDD = 2.4V - 5.5V, TA = 0℃ to 70℃)
Test Condition VIH = VDD, VIL = 0V, Input Rise and Fall Times = 1ns, I/O Timing Reference Level = VDD/2, Output Load: CLOAD = 100pF
Limits
Characteristics
Symbols
Min.
Typ.
Max.
Units
Test conditions
AH Setup Time
Tahs
10
-
-
ns
-
AH Hold Time
Tahh
10
-
-
ns
-
AL Setup Time
Tals
10
-
-
ns
-
10
-
25
ns
VDD = 2.4V
10
-
15
ns
VDD = 3.6V
AL Hold Time
1
Talh
10
-
10
ns
VDD = 5.5V
Data Setup Time
Tds
10
-
-
ns
-
Data Hold Time
2
Tdh
10
-
-
ns
-
-
-
15
ns
VDD = 2.4V
-
-
9
ns
VDD = 3.6V
MC1 Falling to MC0 Rising
Tm1m0
-
-
4
ns
VDD = 5.5V
-
31
49
ns
VDD = 2.4V
-
21
30
ns
VDD = 3.6V
Address High Delay
Tahd
-
16
22
ns
VDD = 5.5V
-
32
58
ns
VDD = 2.4V @ ah hold time = 10n
-
20
31
ns
VDD = 3.6V @ ah hold time = 10n
Address Low Delay
3
Tald
-
17
23
ns
VDD = 5.5V @ ah hold time = 10n
-
46
69
ns
VDD = 2.4V
-
28
40
ns
VDD = 3.6V
MC1 Rising to Chip-enable
Falling
Tcezf
-
22
30
ns
VDD = 5.5V
-
29
46
ns
VDD = 2.4V
-
19
28
ns
VDD = 3.6V
MC1 Rising to Chip-enable
Rising
Tcezr
-
14
20
ns
VDD = 5.5V
-
36
52
ns
VDD = 2.4V
-
23
34
ns
VDD = 3.6V
MC1 Falling to
Write-enable Falling
Twrzf
-
18
23
ns
VDD = 5.5V
-
19
25
ns
VDD = 2.4V
-
13
20
ns
VDD = 3.6V
MC1 Falling to
Write-enable Rising
Twrzr
-
10
15
ns
VDD = 5.5V
-
37
54
ns
VDD = 2.4V
-
24
35
ns
VDD = 3.6V
MC1 Falling to
Read-enable Falling
Trdzf
-
18
25
ns
VDD = 5.5V
-
24
39
ns
VDD = 2.3V
-
16
24
ns
VDD = 3.6V
MC1 Rising to
Read-enable Rising
Trdzr
-
12
17
ns
VDD = 5.5V
-
54
90
ns
VDD = 2.3V
-
34
54
ns
VDD = 3.6V
Read Port Data Delay Time
Tdd
-
25
37
ns
VDD = 5.5V
Note1: Talh Max value prevent bus fighting.
Note2: When write memory cycle, please refer to accompany memory.
Note3: Measure from al_in to al_out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com